Electronic Components Datasheet Search
  English  ▼

X  

TDA8023 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA8023
Description  Low power IC card interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8023 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA8023 Datasheet HTML 17Page - NXP Semiconductors TDA8023 Datasheet HTML 18Page - NXP Semiconductors TDA8023 Datasheet HTML 19Page - NXP Semiconductors TDA8023 Datasheet HTML 20Page - NXP Semiconductors TDA8023 Datasheet HTML 21Page - NXP Semiconductors TDA8023 Datasheet HTML 22Page - NXP Semiconductors TDA8023 Datasheet HTML 23Page - NXP Semiconductors TDA8023 Datasheet HTML 24Page - NXP Semiconductors TDA8023 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
TDA8023_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 16 July 2007
21 of 32
NXP Semiconductors
TDA8023
Low power IC card interface
tr
rise time
input; from VIL(max) to VIH(min)
--
1
µs
tTLH
clock rise time
output transition time; from
10 % to 90 % of VDD(INTF);
CL <30pF
-
-
0.1
µs
Rpu(int)
internal pull-up resistance
between pin I/OUC and pin
VDDI
[1] 11
15
19
k
Ω
Clock input: pin CLKIN
fCLKIN
frequency on pin CLKIN
0
-
25
MHz
VIL
LOW-level input voltage
VDD(INTF) > 2 V
0
-
0.3VDD(INTF)
V
1.5 V < VDD(INTF) < 2 V
0
-
0.15VDD(INTF)
V
VIH
HIGH-level input voltage
VDD(INTF) > 2 V
0.7VDD(INTF)
-VDD(INTF) + 0.3
V
1.5 V < VDD(INTF) < 2 V
0.85VDD(INTF) -VDD(INTF) + 0.3
ns
tr
rise time
-
-
0.1 / fCLKIN
ns
tf
fall time
-
-
0.1 / fCLKIN
ns
Logic inputs: pins SAD0, SPRES and SDWN
VIL
LOW-level input voltage
−0.3
-
0.3VDD(INTF)
V
VIH
HIGH-level input voltage
0.7VDD
-VDD(INTF) + 0.3
V
ILIL
LOW-level input leakage
current
--
±1
µA
ILIH
HIGH-level input leakage
current
--
±1
µA
Ci
input capacitance
-
-
10
pF
Interrupt line: pin INT; open-drain active-LOW output
VOL
LOW-level output voltage
Io = 2 mA
-
-
0.3
V
ILH
HIGH-level leakage current
-
-
10
µA
Serial data input/output: pin SDA; open-drain
VIL
LOW-level input voltage
−0.3
-
0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
-
6.5
V
VOL1
LOW-level output voltage
IOL = 3 mA
-
-
0.3
V
ILH
HIGH-level leakage current
input or output
-
-
1
µA
ILL
LOW-level leakage current
depends on the pull-up
resistance; input or output
--
1
µA
Serial clock input: pin SCL
VIL
LOW-level input voltage
−0.3
-
0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
-
6.5
V
ILIH
HIGH-level input leakage
current
--
1
µA
IIL
LOW-level input current
depends on the pull-up
resistance
--
1
µA
Table 20.
Interface signals to host controller …continued
VDD = 3.3 V; VDD(INTF) = 1.5 V; fCLKIN = 10 MHz; GND = 0 V; Tamb = 25 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com