Electronic Components Datasheet Search
  English  ▼

X  

TDA8023 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA8023
Description  Low power IC card interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8023 Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA8023 Datasheet HTML 1Page - NXP Semiconductors TDA8023 Datasheet HTML 2Page - NXP Semiconductors TDA8023 Datasheet HTML 3Page - NXP Semiconductors TDA8023 Datasheet HTML 4Page - NXP Semiconductors TDA8023 Datasheet HTML 5Page - NXP Semiconductors TDA8023 Datasheet HTML 6Page - NXP Semiconductors TDA8023 Datasheet HTML 7Page - NXP Semiconductors TDA8023 Datasheet HTML 8Page - NXP Semiconductors TDA8023 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
TDA8023_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 16 July 2007
3 of 32
NXP Semiconductors
TDA8023
Low power IC card interface
[1]
Sum of currents on pins VDD and VDDI.
[2]
Two ceramic multilayer capacitors of minimum 100 nF with low Equivalent Series Resistance (ESR) should be used in order to meet
these specifications.
[3]
Output voltage towards the card, including ripple.
5.
Ordering information
6.
Block diagram
General
tdeact
deactivation time
total sequence
60
80
100
µs
Ptot
total power dissipation
Tamb = −25 °C to +85 °C
-
-
500
mW
Tamb
ambient temperature
−40
-
+85
°C
Table 1.
Quick reference data …continued
VDD = 3.3 V; VDD(INTF) = 1.5 V; fCLKIN = 10 MHz; GND = 0 V; Tamb = 25 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 2.
Ordering information
Type number
Package
Name
Description
Version
TDA8023TT
TSSOP28
plastic thin shrink small outline package; 28 leads; body width 4.4 mm
SOT361-1
Fig 1.
Block diagram with capacitive DC-to-DC converter
001aag336
100 nF
100 nF
CCDEL
R1
R2
1
µF
100 nF
100 nF
100 nF
SUPPLY
SUPERVISOR
DC-TO-DC CONVERTER
I2C-BUS
INTERFACE
16
CLK
18
RST
VUP
GNDP
26
VDDP
17
1
24
VCC
19
PRES
3
SDWN
9
CLKIN
6
SCL
7
SAD0
8
SPRES
2
INT
4
VDDI
10
GND
20
PORADJ
optional
external
resistor
bridge
21
CDEL
15
GNDC
12
C8
13
C4
14
I/O
11
I/OUC
5
SDA
SEQUENCER
CLOCK
COUNTER
CARD
DRIVERS
TDA8023
22
VDD
27
SBP
25
SBM
23
SAM
28
SAP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com