Electronic Components Datasheet Search
  English  ▼

X  

TDA8023 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8023
Description  Low power IC card interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8023 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8023 Datasheet HTML 9Page - NXP Semiconductors TDA8023 Datasheet HTML 10Page - NXP Semiconductors TDA8023 Datasheet HTML 11Page - NXP Semiconductors TDA8023 Datasheet HTML 12Page - NXP Semiconductors TDA8023 Datasheet HTML 13Page - NXP Semiconductors TDA8023 Datasheet HTML 14Page - NXP Semiconductors TDA8023 Datasheet HTML 15Page - NXP Semiconductors TDA8023 Datasheet HTML 16Page - NXP Semiconductors TDA8023 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
TDA8023_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 16 July 2007
13 of 32
NXP Semiconductors
TDA8023
Low power IC card interface
• Doubler:
– If VCC = 5 V and VDD(DCDC) = 4 V to 5.8 V
– If VCC = 3 V and VDD(DCDC) < 4 V
• Tripler:
– If VCC = 5 V and VDD(DCDC) < 4 V
8.4.2 Inductive configuration
The external components are a diode, a coil of 6.8
µH and a capacitor of 4.7 µF (see
Figure 2). In this configuration the DC-to-DC converter acts as follows.
• If VCC = 5 V then VVUP is regulated at 5.5 V
• If VCC = 3 V then VVUP is regulated at 4 V
• If VCC = 1.8 V then the DC-to-DC converter acts as a follower
8.5 VCC buffer
In all modes (follower, doubler, tripler), the DC-to-DC converter is able to deliver 60 mA
over the whole VDD range (2.7 V to 6.5 V) or 90 mA if VDD > 3 V.
The current on the VCC buffer has an internal limitation of around 90 mA. When this limit is
reached, an automatic deactivation sequence is performed.
The VCC voltage should be decoupled with a low-ESR capacitor between 100 nF and
168 nF. If the card socket is not very close to the TDA8023, one capacitor should be
placed near the TDA8023, and a second one near the card contacts.
8.6 Sequencer and clock counter
The sequencer takes care of ensuring activation and deactivation sequences according to
ISO 7816 and EMV 2000, even in case of emergency (card removal during transaction,
supply dropout or hardware problem).
The sequencer is clocked with an internal oscillator.
The activation of a card is initiated by setting bit START in the Command register, which is
only possible if the card is present and if the voltage supervisor is not active. The
activation sequence is described in Section 8.6.1.
The deactivation is initiated either by the system controller or automatically in case of a
hardware problem or a supply dropout. The deactivation sequence is described in
Section 8.6.2.
Outside a session, card contacts are forced low-impedance with respect to pin GNDC.
8.6.1 Activation sequence
When the card is inactive, pins VCC, CLK, RST and I/O are LOW, which is low-impedance
with respect to pin GNDC. The DC-to-DC converter is stopped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com