Electronic Components Datasheet Search
  English  ▼

X  

MRF49XA Datasheet(PDF) 74 Page - Microchip Technology

Part # MRF49XA
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XA Datasheet(HTML) 74 Page - Microchip Technology

Back Button MRF49XA Datasheet HTML 70Page - Microchip Technology MRF49XA Datasheet HTML 71Page - Microchip Technology MRF49XA Datasheet HTML 72Page - Microchip Technology MRF49XA Datasheet HTML 73Page - Microchip Technology MRF49XA Datasheet HTML 74Page - Microchip Technology MRF49XA Datasheet HTML 75Page - Microchip Technology MRF49XA Datasheet HTML 76Page - Microchip Technology MRF49XA Datasheet HTML 77Page - Microchip Technology MRF49XA Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 102 page
background image
MRF49XA
DS70590B-page 72
Preliminary
© 2009 Microchip Technology Inc.
4.2
Antenna Design Considerations
The MRF49XA is designed to drive a differential output,
such as a dipole antenna or a loop antenna. The loop
antenna is ideally suited for applications where com-
pact size is required. The dipole is typically not a good
option for compact designs due to its inherent size at
resonance, and its space requirements around the
ground plane, to be an efficient antenna. A monopole
antenna can be used, along with a balun, or by using
the matching circuit.
4.3
RF Transmitter Matching
The RF pins are of high impedance and differential
value. The optimum differential load for the RF port at
a given frequency band is shown in Table 4-1.
These load values in the table are expected by the RF
port pins to have as an antenna load for maximum
power transfer. Antennas that are suited for such
values would be a Loop, Dipole and Folded Dipole. For
all antenna applications, either a bias, choke inductor
or coils must be included during transmission since the
RF outputs are of open-collector type.
4.4
General PCB Layout Design
The guidelines in this section help the users in
high-frequency PCB layout design.
The printed circuit board is usually comprised of two or
four basic FR4 layers.
The two-layer printed circuit board has mixed
signal/power/RF and common ground routed in both
the layers.
The four-layer printed circuit board is comprised of the
following layers:
• Signal layout
• RF ground
• Power line routing
• Common ground
The four-layer PCB is shown in Figure 4-4.
FIGURE 4-3:
TWO BASIC COPPER FR4 LAYERS
FIGURE 4-4:
FOUR BASIC COPPER FR4 LAYERS
TABLE 4-1:
FREQUENCY BAND – ANTENNA ADMITTANCE/IMPEDANCE
MRF49XA
Admittance (ms)
Impedance (
Ω)
Inductance (nH)
433 MHz
2-j5.9
52 + j152
62
868 MHz
1.2-j11.9
7.8 + j83
15.4
915 MHz
1.49-j12.8
9 + j77
13.6
Signal/Power/RF and
Common Ground
Dielectric Constant = 4.5
Signal/Power/RF and
Common Ground
Ground
Power Line Routing
RF Ground
Signal Layout
Dielectric Constant = 4.5
Dielectric Constant = 4.5
Dielectric Constant = 4.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com