Electronic Components Datasheet Search
  English  ▼

X  

MRF49XA Datasheet(PDF) 14 Page - Microchip Technology

Part # MRF49XA
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XA Datasheet(HTML) 14 Page - Microchip Technology

Back Button MRF49XA Datasheet HTML 10Page - Microchip Technology MRF49XA Datasheet HTML 11Page - Microchip Technology MRF49XA Datasheet HTML 12Page - Microchip Technology MRF49XA Datasheet HTML 13Page - Microchip Technology MRF49XA Datasheet HTML 14Page - Microchip Technology MRF49XA Datasheet HTML 15Page - Microchip Technology MRF49XA Datasheet HTML 16Page - Microchip Technology MRF49XA Datasheet HTML 17Page - Microchip Technology MRF49XA Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 102 page
background image
MRF49XA
DS70590B-page 12
Preliminary
© 2009 Microchip Technology Inc.
2.5
RFXTL/EXTREF and CLKOUT Pins
The MRF49XA has an internal, integrated crystal oscilla-
tor circuit, and therefore, a single RFXTL/EXTREF pin is
used as a crystal oscillator. The crystal oscillator circuit,
with internal loading capacitors, provides a 10 MHz
reference signal for the PLL. The PLL, in turn, generates
the local oscillator frequency. It is possible to “pull” the
crystal to the accurate frequency by changing the load
capacitor value. This reduces the external component
count and simplifies the design. The crystal load
capacitor is programmable from 8.5 pF-16 pF in 0.5 pF
steps. Thus, the crystal oscillator circuit can accept a
wide range of crystals from different manufacturers with
different load capacitance requirements. The ability to
vary the load capacitance also helps in fine tuning the
final carrier frequency as the crystal itself is the PLL
reference for the carrier. An external reference input,
such as an oscillator, can be connected as a reference
source. The oscillator can be connected through a
0.01
μF capacitor. Choosing better crystal results in a
lesser TX to RX frequency offset and smaller deviation in
baseband bandwidth. Hence, the recommended crystal
accuracy should be ≤ 40 ppm. Deviation and baseband
bandwidth are discussed in detail in Section 2.8 “Base-
band/Data Filters”
. The guidelines for selecting the
appropriate crystal are explained in Section 3.6 “Crystal
Selection Guidelines”
.
The transceiver can provide a clock signal through the
Clock Output (CLKOUT) pin to the microcontroller for
accurate timing, and thus, eliminating the need for a
second crystal. This also results in reducing the
component count.
2.6
Phase Locked Loop
The Phase Locked Loop (PLL) circuitry determines the
operating frequency of the device. This programmable
PLL synthesizer requires only a single 10 MHz crystal
reference source. The PLL maintains accuracy by
using the on-chip crystal controlled reference oscillator
and provides maximum flexibility in performance to the
designers. It is possible to change the crystal to the
accurate frequency by changing the load capacitor
value. The RF stability can be controlled by selecting a
crystal with specifications which satisfy the application
and by providing the functions required to generate the
carriers, and by tuning each of the bands. For more
details, see Section 3.6 “Crystal Selection Guide-
lines”
. The PLL’s high resolution allows the use of
multiple channels in any of the bands. The on-chip PLL
is able to perform manual and automatic calibration to
compensate for the changes in temperature or
operating voltage.
2.7
Automatic Frequency Control
The PLL in MRF49XA is capable of performing auto-
matic fine adjustment for the carrier frequency by using
an integrated Automatic Frequency Control (AFC)
feature. The receiver uses the AFC feature to minimize
the frequency offset between the TX/RX signals in
discrete steps, which gives the advantage of:
• Narrower receiver bandwidth for increased
sensitivity can be achieved
• Higher data rates can be achieved
• Usability of any locally available, low-accuracy
and inexpensive crystals can be used
The MRF49XA can be programmed to automatically
control the frequency or can be manually activated by
a strobe signal.
2.8
Baseband/Data Filters
The Baseband Filters (BBFs) are user-programmable.
The receiver bandwidth can be set by programming the
bandwidth of the baseband filters. The receiver, when
programmed, is set up according to the characteristics
of the signal to be received. The baseband receiver has
several programming options to optimize the communi-
cation for a variety of applications. The programmable
functions are as follows:
• Baseband Analog Filter
• Baseband Digital Filter
• Receive Bandwidth
• Receive Data Rate
• Clock Recovery
The output data filtering can be performed by using an
external capacitor or by using a digital filter based on
the user application. The RCLKOUT/FCAP/FINT pin in
MRF49XA provides the raw baseband data if config-
ured as a configuration filter. It can be used by the host
microcontroller to perform the data recovery.
2.9
Clock Recovery Circuit
The Clock Recovery Circuit (CLKRC) is used to render
a synchronized clock source to recover the data using
an external microcontroller. The clock recovery circuit
works by sampling the preamble on the received data.
The preamble contains a sequence of 1 and 0 for the
CLKRC to properly extract the data timing. In Slow
mode, the CLKRC requires more sampling (12 to 16
bits), and hence, has a longer settling time before lock-
ing. In Fast mode, it uses less samples (6 to 8 bits)
before locking, and thereby, the settling time is short
which makes timing accuracy less critical. The
RCLKOUT/FCAP/FINT
pin
provides
the
clock
recovered from the incoming data if the baseband filter
is configured as a digital filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com