Electronic Components Datasheet Search
  English  ▼

X  

MRF49XA Datasheet(PDF) 83 Page - Microchip Technology

Part # MRF49XA
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XA Datasheet(HTML) 83 Page - Microchip Technology

Back Button MRF49XA Datasheet HTML 79Page - Microchip Technology MRF49XA Datasheet HTML 80Page - Microchip Technology MRF49XA Datasheet HTML 81Page - Microchip Technology MRF49XA Datasheet HTML 82Page - Microchip Technology MRF49XA Datasheet HTML 83Page - Microchip Technology MRF49XA Datasheet HTML 84Page - Microchip Technology MRF49XA Datasheet HTML 85Page - Microchip Technology MRF49XA Datasheet HTML 86Page - Microchip Technology MRF49XA Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 102 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70590B-page 81
MRF49XA
TABLE 5-7:
OTHER TIMING PARAMETERS AC CHARACTERISTICS(1)
Note 1:
Typical Values: TA = 25°C, VDD = 3.3V.
2:
The crystal oscillator start-up time depends on the capacitance seen by the oscillator. Low capacitance and
low-ESR crystal are recommended with low parasitic PCB layout design.
3:
During the Power-on Reset period, commands are not accepted by the chip. In case of Software Reset (see
WTSREG (Register 2-14)), the Reset time-out is typically 0.25 ms.
Parameters
Condition
Min
Typ
Max
Unit
Transmitter Switch On Time
Synthesizer off, crystal oscillator
on with 10 MHz step
—250
—
μs
Receiver Switch On Time
Synthesizer off, crystal oscillator
on with 10 MHz step
—250
—
μs
Transmitter to Receiver Switch
Time
Synthesizer and crystal oscillator
on during TX/RX change with
10 MHz step
—150
—
μs
Receiver to Transmitter Switch
Time
Synthesizer and crystal oscillator
on during RX/TX change with
10 MHz step
—150
—
μs
Crystal Load Capacitance (See
Crystal Selection Guide)
Programmable in 0.5 pF steps,
tolerance ±10%
8.5
—
16
pF
Crystal Oscillator Start-up Time
Default capacitance bank setting,
crystal ESR < 50
Ω. Crystal load
capacitance = 16 pF.(2)
—2
7
ms
Internal POR Time-out
After VDD has reached 90% of the
final value(3)
——
100
ms
Wake-up Timer Clock Accuracy
Crystal oscillator must be enabled
to ensure proper calibration at the
start-up(2)
—±10
—
%
Digital Input Capacitance
—
—
—
2
pF
Digital Output Rise/Fall Time
15 pF pure capacitive load
—
—
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com