Electronic Components Datasheet Search
  English  ▼

X  

MRF49XA Datasheet(PDF) 82 Page - Microchip Technology

Part # MRF49XA
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XA Datasheet(HTML) 82 Page - Microchip Technology

Back Button MRF49XA Datasheet HTML 78Page - Microchip Technology MRF49XA Datasheet HTML 79Page - Microchip Technology MRF49XA Datasheet HTML 80Page - Microchip Technology MRF49XA Datasheet HTML 81Page - Microchip Technology MRF49XA Datasheet HTML 82Page - Microchip Technology MRF49XA Datasheet HTML 83Page - Microchip Technology MRF49XA Datasheet HTML 84Page - Microchip Technology MRF49XA Datasheet HTML 85Page - Microchip Technology MRF49XA Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 102 page
background image
MRF49XA
DS70590B-page 80
Preliminary
© 2009 Microchip Technology Inc.
Note 1:
Typical Values: TA = 25°C, VDD = 3.3V.
TABLE 5-6:
PLL PARAMETERS AC CHARACTERISTICS(1)
Note 1:
Typical Values: TA = 25°C, VDD = 3.3V.
TABLE 5-5:
TRANSMITTER AC CHARACTERISTICS(1)
Parameters
Condition
Min
Typ
Max
Unit
RF Carrier Frequency
433 MHz band, 2.5 kHz resolution
430.24
—
439.75
MHz
868 MHz band, 5.0 kHz resolution
860.48
—
879.51
MHz
915 MHz band, 7.5 kHz resolution
900.72
—
929.27
MHz
Maximum RF Output Power
433 MHz @ 50
Ω load
—
7
—
dBm
868 MHz @ 50
Ω load
—
5
—
dBm
915 MHz @ 50
Ω load
—
5
—
dBm
RF Output Power Control Range In steps of 8
Pmax – 17.5
—
Pmax
dBm
TX Gain Control Resolution
Programmed in 8 steps
—
2.5
—
dB
Harmonic Suppression
At maximum power, 50
Ω load
—
—
-35
dBc
Open-Collector Output DC
Current
Programmable
0.5
—
6
mA
Spurious Emission
| f-fsp | > 1 MHz
At maximum power, 50
Ω load
—
—
-55
dBc
Output Capacitance (Set by the
Automatic Antenna Tuning
Circuit)
433 MHz band
2
2.6
3.2
pF
868 MHz band
2.1
2.7
3.3
pF
915 MHz band
2.1
2.7
3.3
pF
Quality Factor of the Output
Capacitance
433 MHz band
13
15
17
—
868 MHz band
8
10
12
—
915 MHz band
8
10
12
—
Output Phase Noise
100 kHz from carrier
—
-80
—
dBc/Hz
1 MHz from carrier
—
-103
—
dBc/Hz
FSK Bit Rate
Internal TX Data register
—
—
172
kbps
FSK Bit Rate
TX data connected to the FSK
input
—
—
256
kbps
FSK Frequency Deviation
Programmable in 15 kHz steps
15
—
240
kHz
Parameters
Condition/Note
Min
Typ
Max
Unit
PLL Reference Frequency
Crystal related timing and fre-
quency parameters change
according to the PLL reference
frequency
910
11
MHz
PLL Lock Time
Frequency error < 1 kHz after
10 MHz step
—30
—
μs
PLL Start-up Time
With a running crystal oscillator
and based on the design
—200
300
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com