Electronic Components Datasheet Search
  English  ▼

X  

MRF49XA Datasheet(PDF) 97 Page - Microchip Technology

Part # MRF49XA
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XA Datasheet(HTML) 97 Page - Microchip Technology

Back Button MRF49XA Datasheet HTML 93Page - Microchip Technology MRF49XA Datasheet HTML 94Page - Microchip Technology MRF49XA Datasheet HTML 95Page - Microchip Technology MRF49XA Datasheet HTML 96Page - Microchip Technology MRF49XA Datasheet HTML 97Page - Microchip Technology MRF49XA Datasheet HTML 98Page - Microchip Technology MRF49XA Datasheet HTML 99Page - Microchip Technology MRF49XA Datasheet HTML 100Page - Microchip Technology MRF49XA Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 102 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70590B-page 95
MRF49XA
INDEX
A
Absolute Maximum Ratings ................................................ 77
AC Characteristics
Other Timing Parameters............................................ 81
PLL Parameters .......................................................... 80
Receiver...................................................................... 79
Transmitter.................................................................. 80
Antenna Design Considerations ......................................... 72
Antenna/Balun .................................................................... 71
Automatic Frequency Control (AFC)............................. 12, 49
B
Baseband Features............................................................... 1
Baseband Filters (BBF)....................................................... 12
Baseband/Data Filtering ..................................................... 54
Bill of Materials.................................................................... 75
Block Diagrams
AFC Circuit for Frequency Offset Correction .............. 50
Analog RSSI Voltage vs. RF Input Power................... 13
Application Circuit ....................................................... 71
Balun Circuit................................................................ 71
DIO Logic .................................................................... 56
Four Basic Copper FR4 Layers .................................. 72
Functional Node............................................................ 6
Logic Connection Between Power Control Bits .......... 61
MCU to MRF49XA Interface ......................................... 6
MRF49XA Architectural ................................................ 8
MRF49XA Interrupt Generation Logic......................... 53
RESET Pin Internal Connection.................................. 45
Two Basic Copper FR4 Layers ................................... 72
TX Register Before Transmit ...................................... 64
TX Register During Transmit ...................................... 65
C
Clock Output ......................................................................... 9
Clock Recovery Circuit (CLKRC) ........................................ 12
Crystal Oscillator................................................................. 12
Crystal Oscillator and Clock Output .................................... 46
Crystal Selection Guidelines ............................................... 48
Current Consumption.......................................................... 78
Customer Change Notification Service ............................... 97
Customer Support............................................................... 97
D
Data
Data In .......................................................................... 9
Data Out........................................................................ 9
Data Filtering and Clock Recovery ..................................... 12
Analog Operation ........................................................ 55
Digital Operation ......................................................... 55
Data Indicator Output (DIO) ................................................ 13
Data Quality Indicator (DQI).......................................... 13, 56
Data Validity Blocks
Data Indicator Output.................................................. 13
Data Quality Indicator ................................................. 13
Receive Signal Strength Indicator............................... 13
E
Electrical Characteristics .................................................... 77
Errata .................................................................................... 3
Examples
Frequency Deviation and BBBW Calculation ............. 54
External Reference Input .................................................... 10
F
FIFO Interrupt ....................................................................... 9
Frequency Shift Keying
Data .............................................................................. 9
FIFO Select .................................................................. 9
Functional Description ........................................................ 43
G
General PCB Layout Deign ................................................ 72
H
Hardware Description ........................................................... 7
I
I/O Pin Input Specifications................................................. 78
Initialization......................................................................... 51
Internet Address ................................................................. 97
Interrupt .............................................................................. 10
Interrupt Request Output ...................................................... 9
Interrupts ............................................................................ 51
Clearing ...................................................................... 52
LBTD .......................................................................... 52
LCEXINT .................................................................... 52
POR............................................................................ 52
Setting ........................................................................ 52
TXOWRXOF............................................................... 52
TXRXFIFO.................................................................. 52
WUTINT...................................................................... 52
L
Low Duty Cycle Mode................................................... 14, 62
Low Noise Amplifier (LNA).................................................. 11
Low-Battery Voltage Detector............................................. 14
M
Memory Organization ......................................................... 16
Microchip Internet Web Site................................................ 97
O
Output
Filter Capacitor ............................................................. 9
P
Packaging
Details......................................................................... 88
Marking....................................................................... 87
Packaging Information........................................................ 87
Performance Characteristics
BER Curves
In 433 MHz Band................................................ 84
In 868 MHz Band................................................ 84
Channel Selectivity and Blocking ............................... 83
Receiver Sensitivity Over Ambient Temperature
At 433 MHz......................................................... 86
At 868 MHz......................................................... 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com