Electronic Components Datasheet Search
  English  ▼

X  

SP510 Datasheet(PDF) 14 Page - Exar Corporation

Part # SP510
Description  ULTRA HIGH SPEED MULTIPROTOCOL TRANSCEIVER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP510 Datasheet(HTML) 14 Page - Exar Corporation

Back Button SP510 Datasheet HTML 10Page - Exar Corporation SP510 Datasheet HTML 11Page - Exar Corporation SP510 Datasheet HTML 12Page - Exar Corporation SP510 Datasheet HTML 13Page - Exar Corporation SP510 Datasheet HTML 14Page - Exar Corporation SP510 Datasheet HTML 15Page - Exar Corporation SP510 Datasheet HTML 16Page - Exar Corporation SP510 Datasheet HTML 17Page - Exar Corporation SP510 Datasheet HTML 18Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
SP510
14
ULTRA HIGH SPEED MULTIPROTOCOL TRANSCEIVER
REV. 1.0.0
NOTE: Pin type: I = Input, O = Output, I/O = Input/output.
Charge Pump Signals
C1P, C1N
72, 69
I
Charge Pump Capacitor 1 +/- inputs. Connect a 1
µF
capacitor between C1P and C1N pins.
C2P, C2N
70, 67
I
Charge Pump Capacitor 2 +/- inputs. Connect a 1
µF
capacitor between C2P and C2N pins.
VSS1
66
I
-2xVCC Charge Pump
VDD
73
I
2xVCC Charge Pump
GENERAL CONTROL SIGNALS
LOOPBACK#
27
I
TTL
Loopback mode enable, active low
D_LATCH#
23
I
Decoder Latch, active low
TERM_OFF
22
I
Termination disable
RESERVED PINS
NC
24, 76
No Connect
POWER AND GROUND SIGNALS
VCC
26, 64, 71, 77,
80, 84, 88, 98
I
5V supply.
VL
1, 45
I
Logic I/O Power Supply Input
GND
2, 25, 44, 52,
68, 74, 82, 86,
91, 96
I
Ground.
GNDV10
58
I
V.10 Receiver Ground Reference
V35RGND
46
O
Receiver Termination Reference
Pin Name
Pin Number
I/O
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com