Electronic Components Datasheet Search
  English  ▼

X  

SP510 Datasheet(PDF) 23 Page - Exar Corporation

Part # SP510
Description  ULTRA HIGH SPEED MULTIPROTOCOL TRANSCEIVER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP510 Datasheet(HTML) 23 Page - Exar Corporation

Back Button SP510 Datasheet HTML 19Page - Exar Corporation SP510 Datasheet HTML 20Page - Exar Corporation SP510 Datasheet HTML 21Page - Exar Corporation SP510 Datasheet HTML 22Page - Exar Corporation SP510 Datasheet HTML 23Page - Exar Corporation SP510 Datasheet HTML 24Page - Exar Corporation SP510 Datasheet HTML 25Page - Exar Corporation SP510 Datasheet HTML 26Page - Exar Corporation SP510 Datasheet HTML 27Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
SP510
23
REV. 1.0.0
ULTRA HIGH SPEED MULTIPROTOCOL TRANSCEIVER
FIGURE 20. V.11 DRIVER OUTPUT POWER-OFF CUR-
RENT
A
B
C
Ixa
±0.25V
A
B
C
Ixb
±0.25V
VCC = 0V
VCC = 0V
FIGURE 21. V.11 RECEIVER INPUT CURRENT
A
B
C
Iia
±
10V
C
Iib
±10V
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com