Electronic Components Datasheet Search
  English  ▼

X  

SP510 Datasheet(PDF) 16 Page - Exar Corporation

Part # SP510
Description  ULTRA HIGH SPEED MULTIPROTOCOL TRANSCEIVER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP510 Datasheet(HTML) 16 Page - Exar Corporation

Back Button SP510 Datasheet HTML 12Page - Exar Corporation SP510 Datasheet HTML 13Page - Exar Corporation SP510 Datasheet HTML 14Page - Exar Corporation SP510 Datasheet HTML 15Page - Exar Corporation SP510 Datasheet HTML 16Page - Exar Corporation SP510 Datasheet HTML 17Page - Exar Corporation SP510 Datasheet HTML 18Page - Exar Corporation SP510 Datasheet HTML 19Page - Exar Corporation SP510 Datasheet HTML 20Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
SP510
16
ULTRA HIGH SPEED MULTIPROTOCOL TRANSCEIVER
REV. 1.0.0
63
LL(a)
LL Driver Output
82
GND
Ground
64
VCC
Power Supply Input
83
RS(a)
RTS Inverting Output
65
RL(a)
RL Driver Output
84
VCC
Power Supply Input
66
VSS1
-2xVCC Charge Pump
85
RS(b)
RTS Non-Inverting Output
67
C2N
Charge Pump Capacitor
86
GND
Ground
68
GND
Ground
87
ST(a)
ST Inverting Output
69
C1N
Charge Pump Capacitor
88
VCC
Power Supply Input
70
C2P
Charge Pump Capacitor
89
V35TGND3 ST Termination Reference
71
VCC
Power Supply Input
90
ST(b)
ST Non-Inverting Output
72
C1P
Charge Pump Capacitor
91
GND
Ground
73
VDD
2xVCC Charge Pump
92
TT(a)
TxCE Inverting Output
74
GND
Ground
93
VCC
5V Power Supply
75
TR(a)
DTR Inverting Output
94
V35TGND2 TT Termination Reference
76
NC
No Connect
95
TT(b)
TxCE Non-Inverting Output
77
VCC
Power Supply Input
96
GND
Ground
78
TR(b)
DTR Non-Inverting Output
97
SD(a)
TxD Inverting Output
79
RRC(b)
DCD Non-Inverting Output
98
VCC
5V Power Supply
80
VCC
Power Supply Input
99
V35TGND1 SD Termination Reference
81
RRC(a)
DCD Inverting Output
100
SD(b)
TxD Non-Inverting Output
PIN DESCRIPTIONS BY PIN NUMBER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com