Electronic Components Datasheet Search
  English  ▼

X  

SP510 Datasheet(PDF) 15 Page - Exar Corporation

Part # SP510
Description  ULTRA HIGH SPEED MULTIPROTOCOL TRANSCEIVER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP510 Datasheet(HTML) 15 Page - Exar Corporation

Back Button SP510 Datasheet HTML 11Page - Exar Corporation SP510 Datasheet HTML 12Page - Exar Corporation SP510 Datasheet HTML 13Page - Exar Corporation SP510 Datasheet HTML 14Page - Exar Corporation SP510 Datasheet HTML 15Page - Exar Corporation SP510 Datasheet HTML 16Page - Exar Corporation SP510 Datasheet HTML 17Page - Exar Corporation SP510 Datasheet HTML 18Page - Exar Corporation SP510 Datasheet HTML 19Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
SP510
15
REV. 1.0.0
ULTRA HIGH SPEED MULTIPROTOCOL TRANSCEIVER
TABLE 4: PIN DESCRIPTIONS BY PIN NUMBER
PIN DESCRIPTIONS BY PIN NUMBER
1
VL
Logic I/O Power Supply Input
32
DTR
DTR Driver TTL Input
2
GND
Ground
33
DCD_DCE
DCD_DCE Driver TTL Input
3
SDEN
TxD Driver Enable Input
34
RL
RL Driver TTL Input
4
TTEN
TxCE Driver Enable Input
35
LL
LL Driver TTL Input
5
STEN
ST Driver Enable Input
36
RxD
RxD Receiver TTL Output
6
RSEN
RTS Driver Enable Input
37
RxC
RxC Receiver TTL Output
7
TREN
DTR Driver Enable Input
38
TxC
TxC Receiver TTL Output
8
RRCEN
DCD Driver Enable Input
39
CTS
CTS Receiver TTL Output
9
RLEN
RL Driver Enable Input
40
DSR
DSR Receiver TTL Output
10
LLEN#
LL Driver Enable Input
41
DCD_DTE
DCD_DTE Receiver TTL Output
11
RDEN#
RxD Receiver Enable Input
42
RI
RI Receiver TTL Output
12
RTEN#
RxC Receiver Enable Input
43
TM
TM Receiver TTL Output
13
TxCEN#
TxC Receiver Enable Input
44
GND
Ground
14
CSEN#
CTS Receiver Enable Input
45
VL
Logic I/O Power Supply Input
15
DMEN#
DSR Receiver Enable Input
46
V35RGND
Receiver Termination Reference
16
RRTEN#
DCD_DTE Receiver Enable Input
47
RD(b)
RXD Non-Inverting Input
17
ICEN#
RI Receiver Enable Input
48
RD(a)
RXD Inverting Input
18
TMEN
TM Receiver Enable Input
49
RT(b)
RxC Non-Inverting Input
19
D0
Mode Select Input - Bit 0
50
RT(a)
RxC Inverting Input
20
D1
Mode Select Input - Bit 1
51
TxC(b)
TxC Non-Inverting Input
21
D2
Mode Select Input - Bit 2
52
GND
Ground
22
TERM_OFF Termination Disable Input
53
TxC(a)
TxC Inverting Input
23
D_LATCH# Decoder Latch Input
54
CS(b)
CTS Non-Inverting Input
24
NC
No Connect
55
CS(a)
CTS Inverting Input
25
GND
Ground
56
DM(b)
DSR Non-Inverting Input
26
Vcc
Power Supply Input
57
DM(a)
DSR Inverting Input
27
LOOP-
BACK#
Loopback Mode Enable Input
58
GNDV10
V.10 Rx Ground Reference
28
TxD
TxD Driver TTL Input
59
RRT(b)
DCD_DTE Non-Inverting Input
29
TxCE
TxCE Driver TTL Input
60
RRT(a)
DCD_DTE Inverting Input
30
ST
ST Driver TTL Input
61
IC
RI Receiver Input
31
RTS
RTS Driver TTL Input
62
TM(a)
TM Receiver Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com