Electronic Components Datasheet Search
  English  ▼

X  

SP510 Datasheet(PDF) 1 Page - Exar Corporation

Part # SP510
Description  ULTRA HIGH SPEED MULTIPROTOCOL TRANSCEIVER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP510 Datasheet(HTML) 1 Page - Exar Corporation

  SP510 Datasheet HTML 1Page - Exar Corporation SP510 Datasheet HTML 2Page - Exar Corporation SP510 Datasheet HTML 3Page - Exar Corporation SP510 Datasheet HTML 4Page - Exar Corporation SP510 Datasheet HTML 5Page - Exar Corporation SP510 Datasheet HTML 6Page - Exar Corporation SP510 Datasheet HTML 7Page - Exar Corporation SP510 Datasheet HTML 8Page - Exar Corporation SP510 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (510) 668-7000 • FAX (510) 668-7017 • www.exar.com
SP510
ULTRA HIGH SPEED MULTIPROTOCOL TRANSCEIVER
DECEMBER 2009
REV. 1.0.0
GENERAL DESCRIPTION
The SP510 is a highly integrated physical layer
solution that is configurable to support multiple serial
standards. It incorporates eight (8) drivers and eight
(8) receivers, configurable for either differential (V.11
or V.35) or single ended (V.28 and V.10) signaling.
The device architecture is designed to support the
data and clock signals used in HDLC or SDLC serial
ports as either a DTE or DCE. SP510 enables a
Serial
Communications
Controller
(SCC)
to
implement a variety of serial port types including
V.24, V.25, V.36, EIA-530, EIA-530-A, X.21, RS-232.
Operating configuration is in-system programmable
using the mode-select pins. The V.11 and V.35 modes
contain built in bus termination that may be switched
in or out using the TERM_OFF pin.
SP510 is ideal for space constrained applications. It
requires only a single 5V supply for full operation.
The VL pin determines the receiver output voltage
(VOH). For single supply operation at 5V the VL pin
may be connected to VCC. Fully compliant V.28 and
V.10 driver output voltages are generated using
onboard charge pumps. Special power sequencing is
not required during system startup. Charge pump
outputs are internally regulated to minimize power
consumption. The SP510 requires only four 1
µF
capacitors for complete functionality. The device may
be put into a 1
µA low power shutdown mode when
not in active use.
All receivers have fail-safe protection to put outputs
into a known state when inputs are open, terminated
but open or shorted.
TYPICAL APPLICATIONS
• Data Communication Networks
• Telecommunication Equipment
• Secured Data Communication
• CSU and DSU
• Data Routers
• Network Switches
• WAN Access Equipment
• VoIP-PBX Gateways
FEATURES
• 52Mbps Differential Transmission Rates
• Adjustable Logic Level Pin (Down to 1.65V)
• +/-15kV ESD Tolerance for Analog I/O’s
• Internal Transceiver Termination Resistors for V.11/
V.35
• Interface Modes:
■ RS-232 (V.28)
■ EIA-530 (V.10 & V.11)
■ X.21 (V.11)
■ EIA-530A (V.10 & V.11)
■ RS-449/V.36
• Software Selectable Protocols with 3-Bit Word
• Eight Drivers and Eight Receivers
• V.35/V.11 Receiver Termination Network Disable
Option
• Internal Line or Digital Loopback Testing
• Adheres to NET1/NET2 and TBR2 Requirements
• Easy Flow-Through Pinout
• Single +5V Supply Voltage
• Individual Driver/Receiver Enable/Disable Controls
• Operates in DTE or DCE Mode
ORDERING INFORMATION
PART NUMBER
PACKAGE
OPERATING TEMPERATURE RANGE
DEVICE STATUS
SP510EM
100-pin LQFP
-40°C to +85°C
Active
SP510CM
100-pin LQFP
0°C to +70°C
Active


Similar Part No. - SP510

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
SP5100 JINANJINGHENG-SP5100 Datasheet
91Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Jinan Jing Heng Electro...
SP5100 JINGHENG-SP5100 Datasheet
493Kb / 3P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Leiditech Elec...
SP5100 LEIDITECH-SP5100 Datasheet
646Kb / 3P
LOW VF Schottk-y BARRIER RECTIFIER
logo
SeCoS Halbleitertechnol...
SP5100S SECOS-SP5100S Datasheet
239Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
SP5100S SECOS-SP5100S_15 Datasheet
239Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
More results

Similar Description - SP510

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1343 LINER-LTC1343 Datasheet
382Kb / 28P
Software-Selectable Multiprotocol Transceiver
LTC1543 LINER-LTC1543 Datasheet
281Kb / 20P
Software-Selectable Multiprotocol Transceiver
LTC1544 LINER-LTC1544 Datasheet
277Kb / 20P
Software-Selectable Multiprotocol Transceiver
LTC1545 LINER-LTC1545 Datasheet
244Kb / 16P
Software-Selectable Multiprotocol Transceiver
logo
Sipex Corporation
SP503 SIPEX-SP503 Datasheet
641Kb / 29P
Multiprotocol Transceiver
logo
Exar Corporation
SP503 EXAR-SP503 Datasheet
947Kb / 28P
Multiprotocol Transceiver
logo
Linear Technology
LTC1545 LINER-LTC1545_15 Datasheet
268Kb / 16P
Software-Selectable Multiprotocol Transceiver
LTC1543 LINER-LTC1543_15 Datasheet
306Kb / 20P
Software-Selectable Multiprotocol Transceiver
LTC1544 LINER-LTC1544_15 Datasheet
299Kb / 20P
Software-Selectable Multiprotocol Transceiver
logo
Exar Corporation
SP510E EXAR-SP510E Datasheet
835Kb / 43P
ULTRA HIGH SPEED MULTIPROTOCOL TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com