Electronic Components Datasheet Search
  English  ▼

X  

Z550 Datasheet(PDF) 9 Page - Intel Corporation

Part # Z550
Description  Intel Atom Processor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

Z550 Datasheet(HTML) 9 Page - Intel Corporation

Back Button Z550 Datasheet HTML 5Page - Intel Corporation Z550 Datasheet HTML 6Page - Intel Corporation Z550 Datasheet HTML 7Page - Intel Corporation Z550 Datasheet HTML 8Page - Intel Corporation Z550 Datasheet HTML 9Page - Intel Corporation Z550 Datasheet HTML 10Page - Intel Corporation Z550 Datasheet HTML 11Page - Intel Corporation Z550 Datasheet HTML 12Page - Intel Corporation Z550 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 73 page
background image
Introduction
Datasheet
9
1.3
Terminology
Term
Definition
#
A “#” symbol after a signal name refers to an active low signal, indicating
a signal is in the active state when driven to a low level. For example,
when RESET# is low, a reset has been requested. Conversely, when NMI
is high, a non-maskable interrupt has occurred. In the case of signals
where the name does not imply an active state but describes part of a
binary sequence (such as address or data), the “#” symbol implies that
the signal is inverted. For example, D[3:0] = “HLHL” refers to a hex ‘A’,
and D[3:0]# = “LHLH” also refers to a hex “A” (H= High logic level,
L= Low logic level).
Front Side Bus
(FSB)
Refers to the interface between the processor and system core logic (also
known as the Intel® SCH chipset components).
AGTL+
Advanced Gunning Transceiver Logic is used to refer to Assisted GTL+
signaling technology on some Intel processors.
Intel® Burst
Performance
Technology
(Intel® BPT)
Enables on-demand performance, without impacting or raising MID
thermal design point.
BFM
Burst Frequency Mode
CMOS
Complementary Metal-Oxide Semiconductor
Storage
Conditions
Refers to a non-operational state—the processor may be installed in a
platform, in a tray, or loose. Processors may be sealed in packaging or
exposed to free air. Under these conditions, processor landings should
not be connected to any supply voltages, or have any I/Os biased, or
receive any clocks. Upon exposure to “free air” (that is, unsealed
packaging or a device removed from packaging material) the processor
must be handled in accordance with moisture sensitivity labeling (MSL)
as indicated on the packaging material.
Enhanced Intel
SpeedStep®
Technology
Technology that provides power management capabilities to low power
devices.
Processor Core
Processor core die with integrated L1 and L2 cache. All AC timing and
signal integrity specifications are at the pads of the processor core.
Intel
Virtualization
Technology
Processor virtualization which when used in conjunction with Virtual
Machine Monitor software enables multiple, robust independent software
environments inside a single platform.
TDP
Thermal Design Power
VCC
The processor core power supply.
VR
Voltage Regulator
VSS
The processor ground
VCCHFM
VCC at Highest Frequency Mode (HFM)
VCCLFM
VCC at Lowest Frequency Mode (LFM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com