Electronic Components Datasheet Search
  English  ▼

X  

Z550 Datasheet(PDF) 22 Page - Intel Corporation

Part # Z550
Description  Intel Atom Processor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

Z550 Datasheet(HTML) 22 Page - Intel Corporation

Back Button Z550 Datasheet HTML 18Page - Intel Corporation Z550 Datasheet HTML 19Page - Intel Corporation Z550 Datasheet HTML 20Page - Intel Corporation Z550 Datasheet HTML 21Page - Intel Corporation Z550 Datasheet HTML 22Page - Intel Corporation Z550 Datasheet HTML 23Page - Intel Corporation Z550 Datasheet HTML 24Page - Intel Corporation Z550 Datasheet HTML 25Page - Intel Corporation Z550 Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 73 page
background image
Low Power Features
22
Datasheet
2.2
Dynamic Cache Sizing
Dynamic Cache Sizing allows the processor to flush and disable a programmable
number of L2 cache ways upon each Deeper Sleep entry under the following
conditions:
•
The C0 timer that tracks continuous residency in the Normal package state has
not expired. This timer is cleared during the first entry into Deeper Sleep to allow
consecutive Deeper Sleep entries to shrink the L2 cache as needed.
•
The FSB speed to processor core speed ratio is below the predefined L2 shrink
threshold.
The number of L2 cache ways disabled upon each Deeper Sleep entry is configured in
the BBL_CR_CTL3 MSR. The C0 timer is referenced through the
CLOCK_CORE_CST_CONTROL_STT MSR. The shrink threshold under which the L2
cache size is reduced is configured in the PMG_CST_CONFIG_CONTROL MSR. If the
FSB speed to processor core speed ratio is above the predefined L2 shrink threshold,
then L2 cache expansion will be requested. If the ratio is zero, then the ratio will not
be taken into account for Dynamic Cache Sizing decisions.
Upon STPCLK# de-assertion, the core exiting Intel Enhanced Deeper Sleep state or C6
will expand the L2 cache to two ways and invalidate previously disabled cache ways. If
the L2 cache reduction conditions stated above still exist when the core returns to C4
then package enters Intel Enhanced Deeper Sleep state or C6, then the L2 will be
shrunk to zero again. If the core requests a processor performance state resulting in a
higher ratio than the predefined L2 shrink threshold, the C0 timer expires, and then
the whole L2 will be expanded upon the next interrupt event.
In addition, the processor supports Full Shrink on L2 cache. When the MWAIT C6
instruction is executed with a hint=0x2 in ECX[3:0], the micro code will shrink all the
active ways of the L2 cache in one step. This ensures that the package enters C6
immediately when it is in TC6 instead of iterating until the cache is reduced to zero.
The operating system (OS) is expected to use this hint when it wants to enter the
lowest power state and can tolerate the longer entry latency.
L2 cache shrink prevention may be enabled as needed on occasion through an
MWAIT(C4) sub-state field. If shrink prevention is enabled, the processor does not
enter Intel Deeper Sleep state or C6 since the L2 cache remains valid and in full size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com