Electronic Components Datasheet Search
  English  ▼

X  

AD9276 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9276
Description  Octal LNA/VGA/AAF/12-Bit ADC and CW I/Q Demodulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9276 Datasheet(HTML) 4 Page - Analog Devices

  AD9276 Datasheet HTML 1Page - Analog Devices AD9276 Datasheet HTML 2Page - Analog Devices AD9276 Datasheet HTML 3Page - Analog Devices AD9276 Datasheet HTML 4Page - Analog Devices AD9276 Datasheet HTML 5Page - Analog Devices AD9276 Datasheet HTML 6Page - Analog Devices AD9276 Datasheet HTML 7Page - Analog Devices AD9276 Datasheet HTML 8Page - Analog Devices AD9276 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
AD9276
Rev. 0 | Page 4 of 48
SPECIFICATIONS
AC SPECIFICATIONS
AVDD1 = 1.8 V, AVDD2 = 3.0 V, DRVDD = 1.8 V, 1.0 V internal ADC reference, fIN = 5 MHz, RS = 50 Ω, LNA gain = 21.3 dB, LNA bias = high,
PGA gain = 27 dB, GAIN− = 0.8 V, AAF LPF cutoff = fSAMPLE/3 (Mode I/Mode II), fSAMPLE/4.5 (Mode III), HPF cutoff = LPF cutoff/20.7 (default),
Mode I = fSAMPLE = 40 MSPS, Mode II = fSAMPLE = 65 MSPS, Mode III = fSAMPLE = 80 MSPS, full temperature, ANSI-644 LVDS mode, unless
otherwise noted.
Table 1.
Parameter1
Test Conditions/Comments
Min
Typ
Max
Unit
LNA CHARACTERISTICS
Gain
Single-ended input to differential output
15.6/17.9/21.3
dB
Single-ended input to single-ended output
9.6/11.9/15.3
dB
Input Voltage Range
(Single-Ended)
LNA output limited to 4.4 V p-p differential
output
LNA gain = 15.6 dB
733
mV p-p
LNA gain = 17.9 dB
550
mV p-p
LNA gain = 21.3 dB
367
mV p-p
Input Common Mode (LI-x, LG-x)
1.0
V
Output Common Mode (LO-x)
1.5
V
Output Common Mode (LOSW-x)
Switch off
High-Z
Ω
Switch on
1.5
V
Input Resistance (LI-x)
RFB = 250 Ω
50
Ω
RFB = 500 Ω
100
Ω
RFB = ∞
15
kΩ
Input Capacitance (LI-x)
22
pF
−3 dB Bandwidth
100
MHz
Input Noise Voltage
RS = 0 Ω, RFB = ∞
LNA gain = 15.6 dB
0.98
nV/√Hz
LNA gain = 17.9 dB
0.86
nV/√Hz
LNA gain = 21.3 dB
0.75
nV/√Hz
Input Noise Current
RFB = ∞
1
pA/√Hz
1 dB Input Compression Point
GAIN+ = 0 V
LNA gain = 15.6 dB
1.0
V p-p
LNA gain = 17.9 dB
0.8
V p-p
LNA gain = 21.3 dB
0.5
V p-p
Noise Figure
RS = 50 Ω
Active Termination Matched
LNA gain = 15.6 dB, RFB = 200 Ω
4.8
dB
LNA gain = 17.9 dB, RFB = 250 Ω
4.1
dB
LNA gain = 21.3 dB, RFB = 350 Ω
3.2
dB
Unterminated
LNA gain = 15.6 dB, RFB = ∞
3.4
dB
LNA gain = 17.9 dB, RFB = ∞
2.8
dB
LNA gain = 21.3 dB, RFB = ∞
2.3
dB
FULL-CHANNEL (TGC)
CHARACTERISTICS
AAF Low-Pass Cutoff
In Range
−3 dB, programmable
8
18
MHz
In Range AAF Bandwidth
Tolerance
±10
%
Group Delay Variation
f = 1 MHz to 18 MHz, GAIN+ = 0 V to 1.6 V
±0.5
ns
Input-Referred Noise Voltage
GAIN+ = 1.6 V, RFB = ∞
LNA gain = 15.6 dB
1.26
nV/√Hz
LNA gain = 17.9 dB
1.04
nV/√Hz
LNA gain = 21.3 dB
0.85
nV/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com