Electronic Components Datasheet Search
  English  ▼

X  

AD9276 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9276
Description  Octal LNA/VGA/AAF/12-Bit ADC and CW I/Q Demodulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9276 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9276 Datasheet HTML 8Page - Analog Devices AD9276 Datasheet HTML 9Page - Analog Devices AD9276 Datasheet HTML 10Page - Analog Devices AD9276 Datasheet HTML 11Page - Analog Devices AD9276 Datasheet HTML 12Page - Analog Devices AD9276 Datasheet HTML 13Page - Analog Devices AD9276 Datasheet HTML 14Page - Analog Devices AD9276 Datasheet HTML 15Page - Analog Devices AD9276 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
AD9276
Rev. 0 | Page 12 of 48
Pin No.
Name
Description
23
CLK−
Clock Input Complement.
24
CLK+
Clock Input True.
26, 47
DRVDD
1.8 V Digital Output Driver Supply.
27
DOUTH−
ADC H Digital Output Complement.
28
DOUTH+
ADC H Digital Output True.
29
DOUTG−
ADC G Digital Output Complement.
30
DOUTG+
ADC G Digital Output True.
31
DOUTF−
ADC F Digital Output Complement.
32
DOUTF+
ADC F Digital Output True.
33
DOUTE−
ADC E Digital Output Complement.
34
DOUTE+
ADC E Digital Output True.
35
DCO−
Digital Clock Output Complement.
36
DCO+
Digital Clock Output True.
37
FCO−
Digital Frame Clock Output Complement.
38
FCO+
Digital Frame Clock Output True.
39
DOUTD−
ADC D Digital Output Complement.
40
DOUTD+
ADC D Digital Output True.
41
DOUTC−
ADC C Digital Output Complement.
42
DOUTC+
ADC C Digital Output True.
43
DOUTB−
ADC B Digital Output Complement.
44
DOUTB+
ADC B Digital Output True.
45
DOUTA−
ADC A Digital Output Complement.
46
DOUTA+
ADC A Digital Output True.
48
STBY
Standby Power-Down.
49
PDWN
Full Power-Down.
51
SCLK
Serial Clock.
52
SDIO
Serial Data Input/Output.
53
CSB
Chip Select Bar.
56
LG-A
LNA Ground for Channel A.
57
LI-A
LNA Analog Input for Channel A.
58
LOSW-A
LNA Analog Switched Output for Channel A.
59
LO-A
LNA Analog Inverted Output for Channel A.
62
LG-B
LNA Ground for Channel B.
63
LI-B
LNA Analog Input for Channel B.
64
LOSW-B
LNA Analog Switched Output for Channel B.
65
LO-B
LNA Analog Inverted Output for Channel B.
68
LG-C
LNA Ground for Channel C.
69
LI-C
LNA Analog Input for Channel C.
70
LOSW-C
LNA Analog Switched Output for Channel C.
71
LO-C
LNA Analog Inverted Output for Channel C.
74
LG-D
LNA Ground for Channel D.
75
LI-D
LNA Analog Input for Channel D.
76
LOSW-D
LNA Analog Switched Output for Channel D.
77
LO-D
LNA Analog Inverted Output for Channel D.
78
GPO0
General-Purpose Open-Drain Output 0.
79
GPO1
General-Purpose Open-Drain Output 1.
80
GPO2
General-Purpose Open-Drain Output 2.
81
GPO3
General-Purpose Open-Drain Output 3.
82
RESET
Reset for Synchronizing 4LO Divide-by-4 Counter.
83
4LO−
CW Doppler 4LO Input Complement.
84
4LO+
CW Doppler 4LO Input True.
87
GAIN−
Gain Control Voltage Input Complement.
88
GAIN+
Gain Control Voltage Input True.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com