Electronic Components Datasheet Search
  English  ▼

X  

AD9276 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9276
Description  Octal LNA/VGA/AAF/12-Bit ADC and CW I/Q Demodulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9276 Datasheet(HTML) 3 Page - Analog Devices

  AD9276 Datasheet HTML 1Page - Analog Devices AD9276 Datasheet HTML 2Page - Analog Devices AD9276 Datasheet HTML 3Page - Analog Devices AD9276 Datasheet HTML 4Page - Analog Devices AD9276 Datasheet HTML 5Page - Analog Devices AD9276 Datasheet HTML 6Page - Analog Devices AD9276 Datasheet HTML 7Page - Analog Devices AD9276 Datasheet HTML 8Page - Analog Devices AD9276 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
AD9276
Rev. 0 | Page 3 of 48
GENERAL DESCRIPTION
The AD9276 is designed for low cost, low power, small size,
and ease of use. It contains eight channels of a variable gain
amplifier (VGA) with a low noise preamplifier (LNA); an anti-
aliasing filter (AAF); a 12-bit, 10 MSPS to 80 MSPS analog-to-
digital converter (ADC); and an I/Q demodulator with
programmable phase rotation.
Each channel features a variable gain range of 42 dB, a fully
differential signal path, an active input preamplifier termination,
a maximum gain of up to 52 dB, and an ADC with a conversion
rate of up to 80 MSPS. The channel is optimized for dynamic
performance and low power in applications where a small
package size is critical.
The LNA has a single-ended-to-differential gain that is selectable
through the SPI. The LNA input noise is typically 0.75 nV/√Hz
at a gain of 21.3 dB, and the combined input-referred noise of
the entire channel is 0.85 nV/√Hz at maximum gain. Assuming
a 15 MHz noise bandwidth (NBW) and a 21.3 dB LNA gain, the
input SNR is roughly 92 dB. In CW Doppler mode, each LNA
output drives an I/Q demodulator. Each demodulator has inde-
pendently programmable phase rotation through the SPI with
16 phase settings.
The AD9276 requires a LVPECL-/CMOS-/LVDS-compatible
sample rate clock for full performance operation. No external
reference or driver components are required for many applications.
The ADC automatically multiplies the sample rate clock for
the appropriate LVDS serial data rate. A data clock (DCO±) for
capturing data on the output and a frame clock (FCO±) trigger
for signaling a new output byte are provided.
Powering down individual channels is supported to increase
battery life for portable applications. A standby mode option
allows quick power-up for power cycling. In CW Doppler opera-
tion, the VGA, AAF, and ADC are powered down. The power of
the TGC path scales with selectable ADC speed power modes.
The ADC contains several features designed to maximize flexibility
and minimize system cost, such as a programmable clock, data
alignment, and programmable digital test pattern generation. The
digital test patterns include built-in fixed patterns, built-in pseudo-
random patterns, and custom user-defined test patterns entered
via the serial port interface.
Fabricated in an advanced CMOS process, the AD9276 is
available in a 16 mm × 16 mm, RoHS compliant, 100-lead
TQFP. It is specified over the industrial temperature range
of −40°C to +85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com