Electronic Components Datasheet Search
  English  ▼

X  

300 Datasheet(PDF) 86 Page - Intel Corporation

Part # 300
Description  Celeron D Processor
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

300 Datasheet(HTML) 86 Page - Intel Corporation

Back Button 300 Datasheet HTML 82Page - Intel Corporation 300 Datasheet HTML 83Page - Intel Corporation 300 Datasheet HTML 84Page - Intel Corporation 300 Datasheet HTML 85Page - Intel Corporation 300 Datasheet HTML 86Page - Intel Corporation 300 Datasheet HTML 87Page - Intel Corporation 300 Datasheet HTML 88Page - Intel Corporation 300 Datasheet HTML 89Page - Intel Corporation 300 Datasheet HTML 90Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 95 page
background image
Features
86
Datasheet
6.2.1
Normal State
This is the normal operating state for the processor.
6.2.2
HALT and Enhanced HALT Powerdown States
The Celeron D processor supports the HALT or Enhanced HALT powerdown state. The
Enhanced HALT Powerdown state is configured and enabled via the BIOS. The
Enhanced HALT state must be enabled via the BIOS for the processor to remain within
its specifications.
The Enhanced HALT state is a lower power state as compared to the Stop Grant State.
If Enhanced HALT is not enabled, the default Powerdown state entered will be HALT.
Refer to the following sections for details about the HALT and Enhanced HALT states.
Figure 15.
Processor Low Power State Machine
Enhanced HALT or HALT State
BCLK running
Snoops and interrupts allowed
Normal State
Normal execution
Enhanced HALT Snoop or HALT
Snoop State
BCLK running
Service snoops to caches
Stop Grant State
BCLK running
Snoops and interrupts allowed
Snoop
Event
Occurs
Snoop
Event
Serviced
INIT#, BINIT#, INTR, NMI, SMI#,
RESET#, FSB interrupts
STPCLK#
Asserted
STPCLK#
De-asserted
Snoop Event Occurs
Snoop Event Serviced
HALT or MWAIT Instruction and
HALT Bus Cycle Generated
Stop Grant Snoop State
BCLK running
Service snoops to caches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com