Electronic Components Datasheet Search
  English  ▼

X  

300 Datasheet(PDF) 25 Page - Intel Corporation

Part # 300
Description  Celeron D Processor
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

300 Datasheet(HTML) 25 Page - Intel Corporation

Back Button 300 Datasheet HTML 21Page - Intel Corporation 300 Datasheet HTML 22Page - Intel Corporation 300 Datasheet HTML 23Page - Intel Corporation 300 Datasheet HTML 24Page - Intel Corporation 300 Datasheet HTML 25Page - Intel Corporation 300 Datasheet HTML 26Page - Intel Corporation 300 Datasheet HTML 27Page - Intel Corporation 300 Datasheet HTML 28Page - Intel Corporation 300 Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 95 page
background image
Datasheet
25
Electrical Specifications
2.6.2
GTL+ Asynchronous Signals
Legacy input signals such as A20M#, IGNNE#, INIT#, SMI#, and STPCLK# use CMOS
input buffers. All of these signals follow the same DC requirements as GTL+ signals;
however, the outputs are not actively driven high (during a logical 0 to 1 transition) by
the processor. These signals do not have setup or hold time specifications in relation to
BCLK[1:0].
All of the GTL+ Asynchronous signals are required to be asserted/de-asserted for at
least six BCLKs in order for the processor to recognize the proper signal state. See
Section 2.6.3 for the DC specifications for the GTL+ Asynchronous signal groups. See
Section 6.2 for additional timing requirements for entering and leaving the low power
states.
2.6.3
Processor DC Specifications
The processor DC specifications in this section are defined at the processor core (pads)
unless otherwise stated. All specifications apply to all frequencies and cache sizes
unless otherwise stated.
Table 10.
GTL+ Signal Group DC Specifications
Symbol
Parameter
Min
Max
Unit
Notes1
NOTES:
1. Unless otherwise noted, all specifications in this table apply to all processor frequencies.
VIL
Input Low Voltage
0.0
GTLREF – (0.10 * VTT)V
2, 3
2. VIL is defined as the voltage range at a receiving agent that will be interpreted as a logical low value.
3. The VTT referred to in these specifications is the instantaneous VTT.
VIH
Input High Voltage
GTLREF + (0.10 * VTT)VTT
V
4, 5, 3
4. VIH is defined as the voltage range at a receiving agent that will be interpreted as a logical high value.
5. VIH and VOH may experience excursions above VTT. However, input signal drivers must comply with the
signal quality specifications.
VOH
Output High Voltage
0.90*VTT
VTT
V
3, 5
IOL
Output Low Current
N/A
VTT_MAX/
[(0.50*RTT_MIN)+(RON_MIN)]
A-
ILI
Input Leakage
Current
N/A
± 200
µA
6
6. Leakage to VSS with land held at VTT.
ILO
Output Leakage
Current
N/A
± 200
µA
7
7. Leakage to VTT with land held at 300 mV.
RON
Buffer On Resistance
6
12
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com