Electronic Components Datasheet Search
  English  ▼

X  

300 Datasheet(PDF) 20 Page - Intel Corporation

Part # 300
Description  Celeron D Processor
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

300 Datasheet(HTML) 20 Page - Intel Corporation

Back Button 300 Datasheet HTML 16Page - Intel Corporation 300 Datasheet HTML 17Page - Intel Corporation 300 Datasheet HTML 18Page - Intel Corporation 300 Datasheet HTML 19Page - Intel Corporation 300 Datasheet HTML 20Page - Intel Corporation 300 Datasheet HTML 21Page - Intel Corporation 300 Datasheet HTML 22Page - Intel Corporation 300 Datasheet HTML 23Page - Intel Corporation 300 Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 95 page
background image
Electrical Specifications
20
Datasheet
Table 5.
VCC Static and Transient Tolerance for 775_VR_CONFIG_05A and
775_VR_CONFIG_06 Processors
ICC (A)
Voltage Deviation from VID Setting (V)1, 2, 3, 4
NOTES:
1.
The loadline specification includes both static and transient limits except for
overshoot allowed as shown in Section 2.5.3.
2.
This table is intended to aid in reading discrete points on Figure 1.
3. The loadlines specify voltage limits at the die measured at the VCC_SENSE and
VSS_SENSE lands. Voltage regulation feedback for voltage regulator circuits must be
taken from processor VCC and VSS lands. Refer to the Voltage Regulator-Down
(VRD) 10.1 Design Guide For Desktop and Transportable LGA775 Socket for socket
loadline guidelines and VR implementation details.
4. Adherence to this loadline specification for the Celeron D processor is required to
ensure reliable processor operation.
Maximum Voltage
1.7 mΩ
Typical Voltage
1.75 mΩ
Minimum Voltage
1.8 mΩ
0
0.000
-0.019
-0.038
5
-0.008
-0.027
-0.046
10
-0.016
-0.035
-0.055
15
-0.023
-0.043
-0.063
20
-0.031
-0.051
-0.071
25
-0.039
-0.059
-0.079
30
-0.047
-0.067
-0.088
35
-0.054
-0.075
-0.096
40
-0.062
-0.083
-0.104
45
-0.070
-0.091
-0.112
50
-0.078
-0.099
-0.121
55
-0.085
-0.107
-0.129
60
-0.093
-0.115
-0.137
65
-0.101
-0.123
-0.145
70
-0.109
-0.131
-0.154
75
-0.116
-0.139
-0.162
80
-0.121
-0.144
-0.167
85
-0.132
-0.155
-0.178
90
-0.140
-0.163
-0.187
95
-0.147
-0.171
-0.195
100
-0.155
-0.179
-0.203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com