Electronic Components Datasheet Search
  English  ▼

X  

300 Datasheet(PDF) 38 Page - Intel Corporation

Part # 300
Description  Celeron D Processor
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

300 Datasheet(HTML) 38 Page - Intel Corporation

Back Button 300 Datasheet HTML 34Page - Intel Corporation 300 Datasheet HTML 35Page - Intel Corporation 300 Datasheet HTML 36Page - Intel Corporation 300 Datasheet HTML 37Page - Intel Corporation 300 Datasheet HTML 38Page - Intel Corporation 300 Datasheet HTML 39Page - Intel Corporation 300 Datasheet HTML 40Page - Intel Corporation 300 Datasheet HTML 41Page - Intel Corporation 300 Datasheet HTML 42Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 95 page
background image
Package Mechanical Specifications
38
Datasheet
3.5
Package Insertion Specifications
The Celeron D processor can be inserted into and removed from a LGA775 socket 15
times. The socket should meet the LGA775 requirements detailed in the LGA775 Socket
Mechanical Design Guide.
3.6
Processor Mass Specification
The typical mass of the Celeron D processor is 21.5 g [0.76 oz]. This mass [weight]
includes all the components that are included in the package.
3.7
Processor Materials
Table 22 lists some of the package components and associated materials.
3.8
Processor Markings
Figure 8 shows the topside markings on the processor. This diagram is to aid in the
identification of the Celeron D processor.
Table 22.
Processor Materials
Component
Material
Integrated Heat Spreader (IHS)
Nickel Plated Copper
Substrate
Fiber Reinforced Resin
Substrate Lands
Gold Plated Copper
Figure 8.
Processor Top-Side Marking Example
ATPO
S/N
Processor Number/ S-Spec/
Country of Assy
INTEL
XXXXXXXX
3.33GHZ/512K/533/05A
356 SLxxx [COO]
[FPO]
m
© ‘05
Frequency/L2 Cache/Bus/FMB
FPO
2-D Matrix Mark
Unique Unit
Identifier
ATPO Serial #
Brand



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com