Electronic Components Datasheet Search
  English  ▼

X  

300 Datasheet(PDF) 16 Page - Intel Corporation

Part # 300
Description  Celeron D Processor
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

300 Datasheet(HTML) 16 Page - Intel Corporation

Back Button 300 Datasheet HTML 12Page - Intel Corporation 300 Datasheet HTML 13Page - Intel Corporation 300 Datasheet HTML 14Page - Intel Corporation 300 Datasheet HTML 15Page - Intel Corporation 300 Datasheet HTML 16Page - Intel Corporation 300 Datasheet HTML 17Page - Intel Corporation 300 Datasheet HTML 18Page - Intel Corporation 300 Datasheet HTML 19Page - Intel Corporation 300 Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 95 page
background image
Electrical Specifications
16
Datasheet
2.4
Reserved, Unused, and TESTHI Signals
All RESERVED lands must remain unconnected. Connection of these lands to VCC, VSS,
VTT, or to any other signal (including each other) can result in component malfunction
or incompatibility with future processors. See Chapter 4 for a land listing of the
processor and the location of all RESERVED lands.
In a system level design, on-die termination has been included by the processor to
allow signals to be terminated within the processor silicon. Most unused GTL+ inputs
should be left as no connects as GTL+ termination is provided on the processor silicon.
However, see Table 7 for details on GTL+ signals that do not include on-die termination.
Unused active high inputs, should be connected through a resistor to ground (VSS).
Unused outputs can be left unconnected, however this may interfere with some TAP
functions, complicate debug probing, and prevent boundary scan testing. A resistor
must be used when tying bidirectional signals to power or ground. When tying any
signal to power or ground, a resistor will also allow for system testability. Resistor
values should be within ± 20% of the impedance of the motherboard trace for front
side bus signals. For unused GTL+ input or I/O signals, use pull-up resistors of the
same value as the on-die termination resistors (RTT). For details see Table 16.
TAP, GTL+ Asynchronous inputs, and GTL+ Asynchronous outputs do not include on-die
termination. Inputs and utilized outputs must be terminated on the motherboard.
Unused outputs may be terminated on the motherboard or left unconnected. Note that
leaving unused outputs unterminated may interfere with some TAP functions,
complicate debug probing, and prevent boundary scan testing.
All TESTHI[13:0] lands should be individually connected to VTT via a pull-up resistor
that matches the nominal trace impedance.
The TESTHI signals may use individual pull-up resistors or be grouped together as
detailed below. A matched resistor must be used for each group:
•TESTHI[1:0]
•TESTHI[7:2]
• TESTHI8 – cannot be grouped with other TESTHI signals
• TESTHI9 – cannot be grouped with other TESTHI signals
• TESTHI10 – cannot be grouped with other TESTHI signals
• TESTHI11 – cannot be grouped with other TESTHI signals
• TESTHI12 – cannot be grouped with other TESTHI signals
• TESTHI13 – cannot be grouped with other TESTHI signals
However, use of boundary scan test will not be functional if these lands are connected
together. For optimum noise margin, all pull-up resistor values used for TESTHI[13:0]
lands should have a resistance value within ± 20% of the impedance of the board
transmission line traces. For example, if the nominal trace impedance is 50 Ω, then a
value between 40 Ω and 60 Ω should be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com