Electronic Components Datasheet Search
  English  ▼

X  

350 Datasheet(PDF) 22 Page - Intel Corporation

Part # 350
Description  Celeron M Processor on 90 nm Process
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

350 Datasheet(HTML) 22 Page - Intel Corporation

Back Button 350 Datasheet HTML 18Page - Intel Corporation 350 Datasheet HTML 19Page - Intel Corporation 350 Datasheet HTML 20Page - Intel Corporation 350 Datasheet HTML 21Page - Intel Corporation 350 Datasheet HTML 22Page - Intel Corporation 350 Datasheet HTML 23Page - Intel Corporation 350 Datasheet HTML 24Page - Intel Corporation 350 Datasheet HTML 25Page - Intel Corporation 350 Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 68 page
background image
Electrical Specifications
22
Datasheet
Table 5.
Voltage Tolerances for the Celeron M Processor (Deep Sleep State)
Mode
VID = 1.260 V, Offset = 1.2%
ICC, A
VCC, V
Static
Ripple
Min
Max
Min
Max
0.0
1.245
1.226
1.264
1.216
1.274
1.0
1.242
1.223
1.261
1.213
1.271
2.1
1.239
1.220
1.258
1.210
1.268
3.1
1.236
1.217
1.254
1.207
1.264
4.1
1.232
1.214
1.251
1.204
1.261
5.2
1.229
1.210
1.248
1.200
1.258
6.2
1.226
1.207
1.245
1.197
1.255
7.2
1.223
1.204
1.242
1.194
1.252
8.3
1.220
1.201
1.239
1.191
1.249
9.3
1.217
1.198
1.236
1.188
1.246
10.3
1.214
1.195
1.233
1.185
1.243
11.4
1.211
1.192
1.230
1.182
1.240
12.4
1.208
1.189
1.227
1.179
1.237
13.4
1.205
1.186
1.223
1.176
1.233
14.5
1.201
1.183
1.220
1.173
1.230
15.5
1.198
1.179
1.217
1.169
1.227
Figure 2.
Illustration of Deep Sleep State VCC Static and Ripple Tolerances
for the Celeron M Processor (Deep Sleep State): VID=1.260 V
VID = 1.260: Deep Sleep
1.245
1.160
1.180
1.200
1.220
1.240
1.260
1.280
0.0
2.0
4.0
6.0
8.0
10.0
12.0
STATIC
Static Min
Static Max
Ripple Min
Ripple Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com