Electronic Components Datasheet Search
  English  ▼

X  

350 Datasheet(PDF) 27 Page - Intel Corporation

Part # 350
Description  Celeron M Processor on 90 nm Process
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

350 Datasheet(HTML) 27 Page - Intel Corporation

Back Button 350 Datasheet HTML 23Page - Intel Corporation 350 Datasheet HTML 24Page - Intel Corporation 350 Datasheet HTML 25Page - Intel Corporation 350 Datasheet HTML 26Page - Intel Corporation 350 Datasheet HTML 27Page - Intel Corporation 350 Datasheet HTML 28Page - Intel Corporation 350 Datasheet HTML 29Page - Intel Corporation 350 Datasheet HTML 30Page - Intel Corporation 350 Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 68 page
background image
Datasheet
27
Electrical Specifications
NOTES:
1.
Unless otherwise noted, all specifications in this table apply to all processor frequencies.
2.
VIL is defined as the maximum voltage level at a receiving agent that will be interpreted as a logical low
value.
3.
VIH is defined as the minimum voltage level at a receiving agent that will be interpreted as a logical high
value.
4.
VIH and VOH may experience excursions above VCCP. However, input signal drivers must comply with the
signal quality specifications in Chapter 3.
5.
This is the pull-down driver resistance. Refer to processor I/O buffer models for I/V characteristics.
Measured at 0.31*VCCP. RON (min) = 0.38*RTT, RON (typ) = 0.45*RTT, RON (max) = 0.52*RTT.
6.
GTLREF should be generated from VCCP with a 1% tolerance resistor divider. The VCCP referred to in these
specifications is the instantaneous VCCP.
7.
RTT is the on-die termination resistance measured at VOL of the AGTL+ output driver. Measured at
0.31*VCCP. RTT is connected to VCCP on die. Refer to processor I/O buffer models for I/V characteristics.
8.
Specified with on die RTT and RON are turned off.
9.
Cpad includes die capacitance only. No package parasitics are included.
NOTES:
1.
Unless otherwise noted, all specifications in this table apply to all processor frequencies.
2.
The VCCP referred to in these specifications refers to instantaneous VCCP.
3.
Measured at 0.1*VCCP.
4.
Measured at 0.9*VCCP.
5.
For Vin between 0 V and VCCP. Measured when the driver is tristated.
6.
Cpad includes die capacitance only. No package parasitics are included.
Table 9.
AGTL+ Signal Group DC Specifications
Symbol
Parameter
Min
Typ
Max
Unit
Notes1
VCCP
I/O Voltage
0.997
1.05
1.102
V
GTLREF
Reference Voltage
2/3 VCCP - 2%
2/3 VCCP
2/3 VCCP + 2%
V
6
VIH
Input High Voltage
GTLREF + 0.1
VCCP + 0.1
V
3,6
VIL
Input Low Voltage
-0.1
GTLREF - 0.1
V
2,4
VOH
Output High Voltage
VCCP
6
RTT
Termination Resistance
47
55
63
Ω
7
RON
Buffer On Resistance
17.7
24.7
32.9
Ω
5
ILI
Input Leakage Current
±100
µA
8
Cpad
Pad Capacitance
1.8
2.3
2.75
pF
9
Table 10.
CMOS Signal Group DC Specifications
Symbol
Parameter
Min
Typ
Max
Unit Notes1
VCCP
I/O Voltage
0.997
1.05
1.102
V
VIH
Input High Voltage
0.7*VCCP
VCCP+0.1
V
2
VIL
Input Low Voltage CMOS
-0.1
0.3*VCCP
V2, 3
VOH
Output High Voltage
0.9*VCCP
VCCP
VCCP+0.1
V
2
VOL
Output Low Voltage
-0.1
0
0.1*VCCP
V2
IOH
Output High Current
1.49
4.08
mA
5
IOL
Output Low Current
1.49
4.08
mA
4
I
LI
Input Leakage Current
±100
µA
6
Cpad
Pad Capacitance
1.0
2.3
3.0
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com