Electronic Components Datasheet Search
  English  ▼

X  

350 Datasheet(PDF) 52 Page - Intel Corporation

Part # 350
Description  Celeron M Processor on 90 nm Process
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

350 Datasheet(HTML) 52 Page - Intel Corporation

Back Button 350 Datasheet HTML 48Page - Intel Corporation 350 Datasheet HTML 49Page - Intel Corporation 350 Datasheet HTML 50Page - Intel Corporation 350 Datasheet HTML 51Page - Intel Corporation 350 Datasheet HTML 52Page - Intel Corporation 350 Datasheet HTML 53Page - Intel Corporation 350 Datasheet HTML 54Page - Intel Corporation 350 Datasheet HTML 55Page - Intel Corporation 350 Datasheet HTML 56Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 68 page
background image
Package Mechanical Specifications and Pin Information
52
Datasheet
H24
D[20]#
Source Synch
Input/
Output
H25
VSS
Power/Other
H26
D[29]#
Source Synch
Input/
Output
J1
VSS
Power/Other
J2
LOCK#
Common
Clock
Input/
Output
J3
BPRI#
Common
Clock
Input
J4
VSS
Power/Other
J5
VCC
Power/Other
J6
VSS
Power/Other
J21
VCC
Power/Other
J22
VSS
Power/Other
J23
D[23]#
Source Synch
Input/
Output
J24
VSS
Power/Other
J25
D[25]#
Source Synch
Input/
Output
J26
DINV[1]#
Source Synch
Input/
Output
K1
RS[1]#
Common
Clock
Input
K2
VSS
Power/Other
K3
HIT#
Common
Clock
Input/
Output
K4
HITM#
Common
Clock
Input/
Output
K5
VSS
Power/Other
K6
VCCP
Power/Other
K21
VSS
Power/Other
K22
VCC
Power/Other
K23
VSS
Power/Other
K24
DSTBN[1]#
Source Synch
Input/
Output
K25
D[31]#
Source Synch
Input/
Output
K26
VSS
Power/Other
L1
BNR#
Common
Clock
Input/
Output
Table 15.
Pin Listing by Pin Number
Pin #
Pin Name
Signal Buffer
Type
Direction
L2
RS[2]#
Common
Clock
Input
L3
VSS
Power/Other
L4
DEFER#
Common
Clock
Input
L5
VCCP
Power/Other
L6
VSS
Power/Other
L21
VCCP
Power/Other
L22
VSS
Power/Other
L23
D[18]#
Source Synch
Input/
Output
L24
DSTBP[1]#
Source Synch
Input/
Output
L25
VSS
Power/Other
L26
D[26]#
Source Synch
Input/
Output
M1
VSS
Power/Other
M2
DBSY#
Common
Clock
Input/
Output
M3
TRDY#
Common
Clock
Input
M4
VSS
Power/Other
M5
VSS
Power/Other
M6
VCCP
Power/Other
M21
VSS
Power/Other
M22
VCCP
Power/Other
M23
D[24]#
Source Synch
Input/
Output
M24
VSS
Power/Other
M25
D[28]#
Source Synch
Input/
Output
M26
D[19]#
Source Synch
Input/
Output
N1
VCCA[2]
Power/Other
N2
ADS#
Common
Clock
Input/
Output
N3
VSS
Power/Other
N4
BR0#
Common
Clock
Input/
Output
N5
VCCP
Power/Other
N6
VSS
Power/Other
Table 15.
Pin Listing by Pin Number
Pin #
Pin Name
Signal Buffer
Type
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com