Electronic Components Datasheet Search
  English  ▼

X  

350 Datasheet(PDF) 26 Page - Intel Corporation

Part # 350
Description  Celeron M Processor on 90 nm Process
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

350 Datasheet(HTML) 26 Page - Intel Corporation

Back Button 350 Datasheet HTML 22Page - Intel Corporation 350 Datasheet HTML 23Page - Intel Corporation 350 Datasheet HTML 24Page - Intel Corporation 350 Datasheet HTML 25Page - Intel Corporation 350 Datasheet HTML 26Page - Intel Corporation 350 Datasheet HTML 27Page - Intel Corporation 350 Datasheet HTML 28Page - Intel Corporation 350 Datasheet HTML 29Page - Intel Corporation 350 Datasheet HTML 30Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 68 page
background image
Electrical Specifications
26
Datasheet
NOTES:
1.
Unless otherwise noted, all specifications in this table apply to all processor frequencies.
2.
Crossing Voltage is defined as absolute voltage where rising edge of BCLK0 is equal to the falling edge of
BCLK1.
3.
Threshold Region is defined as a region entered about the crossing voltage in which the differential receiver
switches. It includes input threshold hysteresis.
4.
For Vin between 0 V and VIH.
5.
Cpad includes die capacitance only. No package parasitics are included.
6.
ΔV
CROSS is defined as the total variation of all crossing voltages as defined in note 2.
Figure 6.
Deep Sleep VCC and ICC Loadline for Celeron M Processors:
Standard Voltage and Ultra Low Voltage
Table 8.
FSB Differential BCLK Specifications
Symbol
Parameter
Min
Typ
Max
Unit
Notes1
V
IH
Input High Voltage
0.660
0.710
0.850
V
V
IL
Input Low Voltage
0
V
V
CROSS
Crossing Voltage
0.250.350.55
V
2
ΔV
CROSS
Range of Crossing Points
N/A
N/A
0.140
V
6
V
TH
Threshold Region
VCROSS - 0.100
VCROSS + 0.100
V
3
ILI
Input Leakage Current
± 100
µA
4
Cpad
Pad Capacitance
1.8
2.3
2.75
pF
5
I
CC max
V
CC
[V]
Slope= -3.0 mV/A
Vcc nom - 1.2%
+/-1.5% from Nominal =VR Error
10mV= RIPPLE
I
CC
[A]
0
Deep Sleep



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com