Electronic Components Datasheet Search
  English  ▼

X  

350 Datasheet(PDF) 47 Page - Intel Corporation

Part # 350
Description  Celeron M Processor on 90 nm Process
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

350 Datasheet(HTML) 47 Page - Intel Corporation

Back Button 350 Datasheet HTML 43Page - Intel Corporation 350 Datasheet HTML 44Page - Intel Corporation 350 Datasheet HTML 45Page - Intel Corporation 350 Datasheet HTML 46Page - Intel Corporation 350 Datasheet HTML 47Page - Intel Corporation 350 Datasheet HTML 48Page - Intel Corporation 350 Datasheet HTML 49Page - Intel Corporation 350 Datasheet HTML 50Page - Intel Corporation 350 Datasheet HTML 51Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 68 page
background image
Datasheet
47
Package Mechanical Specifications and Pin Information
A14
VSS
Power/Other
A15
ITP_CLK[1]
CMOS
input
A16
ITP_CLK[0]
CMOS
input
A17
VSS
Power/Other
A18
THERMDC
Power/Other
A19
D[0]#
Source Synch
Input/
Output
A20
VSS
Power/Other
A21
D[6]#
Source Synch
Input/
Output
A22
D[2]#
Source Synch
Input/
Output
A23
VSS
Power/Other
A24
D[4]#
Source Synch
Input/
Output
A25
D[1]#
Source Synch
Input/
Output
A26
VSS
Power/Other
AA1
VSS
Power/Other
AA2
A[16]#
Source Synch
Input/
Output
AA3
A[14]#
Source Synch
Input/
Output
AA4
VSS
Power/Other
AA5
VCC
Power/Other
AA6
VSS
Power/Other
AA7
VCC
Power/Other
AA8
VSS
Power/Other
AA9
VCC
Power/Other
AA10
VSS
Power/Other
AA11
VCC
Power/Other
AA12
VSS
Power/Other
AA13
VCC
Power/Other
AA14
VSS
Power/Other
AA15
VCC
Power/Other
AA16
VSS
Power/Other
AA17
VCC
Power/Other
AA18
VSS
Power/Other
AA19
VCC
Power/Other
Table 15.
Pin Listing by Pin Number
Pin #
Pin Name
Signal Buffer
Type
Direction
AA20
VSS
Power/Other
AA21
VCC
Power/Other
AA22
VSS
Power/Other
AA23
D[40]#
Source Synch
Input/
Output
AA24
D[33]#
Source Synch
Input/
Output
AA25
VSS
Power/Other
AA26
D[46]#
Source Synch
Input/
Output
AB1
COMP[3]
Power/Other
Input/
Output
AB2
COMP[2]
Power/Other
Input/
Output
AB3
VSS
Power/Other
AB4
A[24]#
Source Synch
Input/
Output
AB5
VSS
Power/Other
AB6
VCC
Power/Other
AB7
VSS
Power/Other
AB8
VCC
Power/Other
AB9
VSS
Power/Other
AB10
VCC
Power/Other
AB11
VSS
Power/Other
AB12
VCC
Power/Other
AB13
VSS
Power/Other
AB14
VCC
Power/Other
AB15
VSS
Power/Other
AB16
VCC
Power/Other
AB17
VSS
Power/Other
AB18
VCC
Power/Other
AB19
VSS
Power/Other
AB20
VCC
Power/Other
AB21
VSS
Power/Other
AB22
VCC
Power/Other
AB23
VSS
Power/Other
AB24
D[50]#
Source Synch
Input/
Output
AB25
D[48]#
Source Synch
Input/
Output
Table 15.
Pin Listing by Pin Number
Pin #
Pin Name
Signal Buffer
Type
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com