Electronic Components Datasheet Search
  English  ▼

X  

373 Datasheet(PDF) 35 Page - Intel Corporation

Part # 373
Description  Celeron M Processor on 90 nm Process
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

373 Datasheet(HTML) 35 Page - Intel Corporation

Back Button 373 Datasheet HTML 31Page - Intel Corporation 373 Datasheet HTML 32Page - Intel Corporation 373 Datasheet HTML 33Page - Intel Corporation 373 Datasheet HTML 34Page - Intel Corporation 373 Datasheet HTML 35Page - Intel Corporation 373 Datasheet HTML 36Page - Intel Corporation 373 Datasheet HTML 37Page - Intel Corporation 373 Datasheet HTML 38Page - Intel Corporation 373 Datasheet HTML 39Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 68 page
background image
Datasheet
35
Package Mechanical Specifications and Pin Information
NOTES:
1.
Overall height as delivered. Values are based on design specifications and tolerances. This
dimension is subject to change based on OEM motherboard design or OEM SMT process
Table 13.
Micro-FCPGA Package Dimensions
Symbol
Parameter
Min
Max
Unit
A
Overall height, as delivered (Refer to Note 1)
2.60
2.85
mm
A2
Die height
0.82
mm
b
Ball diameter
0.78
mm
D
Package substrate length
34.9
35.1
mm
E
Package substrate width
34.9
35.1
mm
D1
Die length
12.54
mm
E1
Die width
6.99
mm
eBall pitch
1.27
mm
K
Package edge keep-out
5
mm
K1
Package corner keep-out
7
mm
K2
Die-side capacitor height
–
0.7
mm
S
Package edge to first ball center
1.625
mm
N
Ball count
479
each
–
Solder ball coplanarity
0.2
mm
Pdie
Allowable pressure on the die for thermal solution
–
689
kPa
WPackage weight
4.5
g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com