Electronic Components Datasheet Search
  English  ▼

X  

373 Datasheet(PDF) 51 Page - Intel Corporation

Part # 373
Description  Celeron M Processor on 90 nm Process
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

373 Datasheet(HTML) 51 Page - Intel Corporation

Back Button 373 Datasheet HTML 47Page - Intel Corporation 373 Datasheet HTML 48Page - Intel Corporation 373 Datasheet HTML 49Page - Intel Corporation 373 Datasheet HTML 50Page - Intel Corporation 373 Datasheet HTML 51Page - Intel Corporation 373 Datasheet HTML 52Page - Intel Corporation 373 Datasheet HTML 53Page - Intel Corporation 373 Datasheet HTML 54Page - Intel Corporation 373 Datasheet HTML 55Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 68 page
background image
Datasheet
51
Package Mechanical Specifications and Pin Information
E6
VSS
Power/Other
E7
VCC
Power/Other
E8
VSS
Power/Other
E9
VCC
Power/Other
E10
VSS
Power/Other
E11
VCCP
Power/Other
E12
VSS
Power/Other
E13
VCCP
Power/Other
E14
VSS
Power/Other
E15
VCCP
Power/Other
E16
VSS
Power/Other
E17
VCC
Power/Other
E18
VSS
Power/Other
E19
VCC
Power/Other
E20
VSS
Power/Other
E21
VCC
Power/Other
E22
VSS
Power/Other
E23
D[14]#
Source Synch
Input/
Output
E24
D[11]#
Source Synch
Input/
Output
E25
VSS
Power/Other
E26
RSVD
Reserved
F1
VSS
Power/Other
F2
VID[1]
CMOS
Output
F3
VID[2]
CMOS
Output
F4
VSS
Power/Other
F5
VSS
Power/Other
F6
VCC
Power/Other
F7
VSS
Power/Other
F8
VCC
Power/Other
F9
VSS
Power/Other
F10
VCCP
Power/Other
F11
VSS
Power/Other
F12
VCCP
Power/Other
F13
VSS
Power/Other
F14
VCCP
Power/Other
F15
VSS
Power/Other
Table 15.
Pin Listing by Pin Number
Pin #
Pin Name
Signal Buffer
Type
Direction
F16
VCCP
Power/Other
F17
VSS
Power/Other
F18
VCC
Power/Other
F19
VSS
Power/Other
F20
VCC
Power/Other
F21
VSS
Power/Other
F22
VCC
Power/Other
F23
TEST2
Test
F24
VSS
Power/Other
F25
D[21]#
Source Synch
Input/
Output
F26
VCCA[0]
Power/Other
G1
RSVD
Reserved
G2
VSS
Power/Other
G3
VID[3]
CMOS
Output
G4
VID[4]
CMOS
Output
G5
VCC
Power/Other
G6
VSS
Power/Other
G21
VCC
Power/Other
G22
VSS
Power/Other
G23
VSS
Power/Other
G24
D[22]#
Source Synch
Input/
Output
G25
D[17]#
Source Synch
Input/
Output
G26
VSS
Power/Other
H1
RS[0]#
Common
Clock
Input
H2
DRDY#
Common
Clock
Input/
Output
H3
VSS
Power/Other
H4
VID[5]
CMOS
Output
H5
VSS
Power/Other
H6
VCC
Power/Other
H21
VSS
Power/Other
H22
VCC
Power/Other
H23
D[16]#
Source Synch
Input/
Output
Table 15.
Pin Listing by Pin Number
Pin #
Pin Name
Signal Buffer
Type
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com