Electronic Components Datasheet Search
  English  ▼

X  

373 Datasheet(PDF) 57 Page - Intel Corporation

Part # 373
Description  Celeron M Processor on 90 nm Process
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

373 Datasheet(HTML) 57 Page - Intel Corporation

Back Button 373 Datasheet HTML 53Page - Intel Corporation 373 Datasheet HTML 54Page - Intel Corporation 373 Datasheet HTML 55Page - Intel Corporation 373 Datasheet HTML 56Page - Intel Corporation 373 Datasheet HTML 57Page - Intel Corporation 373 Datasheet HTML 58Page - Intel Corporation 373 Datasheet HTML 59Page - Intel Corporation 373 Datasheet HTML 60Page - Intel Corporation 373 Datasheet HTML 61Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 68 page
background image
Datasheet
57
Package Mechanical Specifications and Pin Information
DBSY#
Input/
Output
DBSY# (Data Bus Busy) is asserted by the agent responsible for
driving data on the FSB to indicate that the data bus is in use. The
data bus is released after DBSY# is deasserted. This signal must
connect the appropriate pins on both FSB agents.
DEFER#
Input
DEFER# is asserted by an agent to indicate that a transaction cannot
be guaranteed in-order completion. Assertion of DEFER# is normally
the responsibility of the addressed memory or Input/Output agent.
This signal must connect the appropriate pins of both FSB agents.
DINV[3:0]#
Input/
Output
DINV[3:0]# (Data Bus Inversion) are source synchronous and
indicate the polarity of the D[63:0]# signals. The DINV[3:0]#
signals are activated when the data on the data bus is inverted. The
bus agent will invert the data bus signals if more than half the bits,
within the covered group, would change level in the next cycle.
DPSLP#
Input
DPSLP# when asserted on the platform causes the processor to
transition from the Sleep State to the Deep Sleep state. In order to
return to the Sleep state, DPSLP# must be deasserted. DPSLP# is
driven by the ICH-M component and also connects to the MCH-M
component.
DPWR#
Input
DPWR# is a control signal from the Intel chipset used to reduce
power on the Celeron M data bus input buffers.
DRDY#
Input/
Output
DRDY# (Data Ready) is asserted by the data driver on each data
transfer, indicating valid data on the data bus. In a multi-common
clock data transfer, DRDY# may be deasserted to insert idle clocks.
This signal must connect the appropriate pins of both FSB agents.
DSTBN[3:0]
#
Input/
Output
Data strobe used to latch in D[63:0]#.
Table 16.
Signal Description (Sheet 3 of 8)
Name
Type
Description
DINV[3:0]# Assignment to Data Bus
Bus Signal
Data Bus
Signals
DINV[3]#
D[63:48]#
DINV[2]#
D[47:32]#
DINV[1]#
D[31:16]#
DINV[0]#
D[15:0]#
Signals
Associated
Strobe
D[15:0]#, DINV[0]#
DSTBN[0]#
D[31:16]#, DINV[1]#
DSTBN[1]#
D[47:32]#, DINV[2]#
DSTBN[2]#
D[63:48]#, DINV[3]#
DSTBN[3]#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com