Electronic Components Datasheet Search
  English  ▼

X  

373 Datasheet(PDF) 4 Page - Intel Corporation

Part # 373
Description  Celeron M Processor on 90 nm Process
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

373 Datasheet(HTML) 4 Page - Intel Corporation

  373 Datasheet HTML 1Page - Intel Corporation 373 Datasheet HTML 2Page - Intel Corporation 373 Datasheet HTML 3Page - Intel Corporation 373 Datasheet HTML 4Page - Intel Corporation 373 Datasheet HTML 5Page - Intel Corporation 373 Datasheet HTML 6Page - Intel Corporation 373 Datasheet HTML 7Page - Intel Corporation 373 Datasheet HTML 8Page - Intel Corporation 373 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
4
Datasheet
Figures
1
Clock Control States .................................................................................................11
2
Illustration of Deep Sleep State VCC Static and Ripple Tolerances
for the Celeron M Processor (Deep Sleep State): VID=1.260 V .......................................22
3
Illustration of Active State VCC Static and Ripple Tolerances
for the Celeron M Processor ULV: VID=0.940 V ............................................................24
4
Illustration of Deep Sleep State VCC Static and Ripple Tolerances
for the Celeron M Processor ULV: VID=0.940 V ............................................................25
5
Active VCC and ICC Loadline for the Celeron M Processor:
Standard Voltage and Ultra Low Voltage ......................................................................25
6
Deep Sleep VCC and ICC Loadline for Celeron M Processors:
Standard Voltage and Ultra Low Voltage ......................................................................26
7
Micro-FCPGA Package Top and Bottom Isometric Views .................................................29
8
Micro-FCPGA Package - Top and Side Views .................................................................30
9
Micro-FCPGA Package - Bottom View...........................................................................31
10 Micro-FCBGA Package Top and Bottom Isometric Views .................................................33
11 Micro-FCBGA Package Top and Side Views ...................................................................34
12 Micro-FCBGA Package Bottom View.............................................................................36
13 The Coordinates of the Processor Pins As Viewed from the Top of the Package..................38
Tables
1
Voltage Identification Definition..................................................................................16
2
FSB Pin Groups ........................................................................................................18
3
Processor DC Absolute Maximum Ratings.....................................................................19
4
Voltage and Current Specifications..............................................................................20
5
Voltage Tolerances for the Celeron M Processor (Deep Sleep State).................................22
6
Voltage Tolerances for the Celeron M Processor ULV (Active State)..................................23
7
Voltage Tolerances for the Celeron M Processor ULV (Deep Sleep State) ..........................24
8
FSB Differential BCLK Specifications ............................................................................26
9
AGTL+ Signal Group DC Specifications ........................................................................27
10 CMOS Signal Group DC Specifications..........................................................................27
11 Open Drain Signal Group DC Specifications ..................................................................28
12 Micro-FCPGA Package Dimensions ..............................................................................32
13 Micro-FCPGA Package Dimensions ..............................................................................35
14 Pin Listing by Pin Name .............................................................................................39
15 Pin Listing by Pin Number ..........................................................................................46
16 Signal Description.....................................................................................................55
17 Power Specifications for the Celeron M Processor ..........................................................64
18 Thermal Diode Interface ............................................................................................66
19 Thermal Diode Specification .......................................................................................66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com