| Electronic Components Datasheet Search |
|
ATR0625P Datasheet(PDF) 15 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATR0625P Datasheet(HTML) 15 Page - ATMEL Corporation |
|
15 / 27 page ![]() 15 4925G–GPS–06/08 ATR0625P Table 3-15. Recommended Pin Connection Pin Name Recommended External Circuit P0/NANTSHORT Internal pull-down resistor, leave open if Antenna Supervision functionality is unused. P1/GPSMODE0 Internal pull-down resistor, leave open, in order to disable the GPSMODE pin configuration feature. Connect to VDD18 to enable the GPSMODE pin configuration feature. Refer to GPSMODE definitions in section “Setting GPSMODE0 to GPSMODE12” on page 9. P2/BOOT_MODE Internal pull-down resistor, leave open. P8/STATUSLED Output in default ROM firmware: leave open if not used P9/EXTINT0 Internal pull-up resistor, leave open if unused. P12/GPSMODE2/NPCS2 Internal pull-up resistor, can be left open if the GPSMODE feature is not used. Refer to GPSMODE definitions in section “Setting GPSMODE0 to GPSMODE12” on page 9. P13/GPSMODE3/ EXTINT1 Internal pull-up resistor, can be left open if the GPSMODE feature is not used. Refer to GPSMODE definitions in section “Setting GPSMODE0 to GPSMODE12” on page 9. P14/NAADET1 Internal pull-down resistor, leave open if Antenna Supervision functionality is unused. P15/ANTON Internal pull-down resistor, leave open if Antenna Supervision functionality is unused. P16/NEEPROM Internal pull-up resistor, leave open if no serial EEPROM is connected. Otherwise connect to GND. P17/GPSMODE5/SCK1 Internal pull-down resistor, can be left open if the GPSMODE feature is not used. Refer to GPSMODE definitions in section “Setting GPSMODE0 to GPSMODE12” on page 9. P18/TXD1 Output in default ROM firmware: leave open if serial interface is not used. P19/GPSMODE6/SIGLO1 Internal pull-up resistor, can be left open if the GPSMODE feature is not used. Refer to GPSMODE definitions in section “Setting GPSMODE0 to GPSMODE12” on page 9. P20/TIMEPULSE/SCK2 Output in default ROM firmware: leave open if timepulse feature is not used. P21/TXD2 Output in default ROM firmware: leave open if serial interface not used. P22/RXD2 Internal pull-up resistor, leave open if serial interface is not used. P23/GPSMODE7/SCK Internal pull-up resistor, can be left open if the GPSMODE feature is not used. Refer to GPSMODE definitions in section “Setting GPSMODE0 to GPSMODE12” on page 9. P24/GPSMODE8/MOSI Internal pull-up resistor, can be left open if the GPSMODE feature is not used. Refer to GPSMODE definitions in section “Setting GPSMODE0 to GPSMODE12” on page 9. P25/NAADET0/MISO Internal pull-down resistor, leave open if Antenna Supervision functionality is unused. P26/GPSMODE10/NSS/ NPCS0 Internal pull-up resistor, can be left open if the GPSMODE feature is not used. Refer to GPSMODE definitions in section “Setting GPSMODE0 to GPSMODE12” on page 9. P27/GPSMODE11/NPCS1 Internal pull-up resistor, can be left open if the GPSMODE feature is not used. Refer to GPSMODE definitions in section “Setting GPSMODE0 to GPSMODE12” on page 9. P29/GPSMODE12/NPCS3 Internal pull-up resistor, can be left open if the GPSMODE feature is not used. Refer to GPSMODE definitions in section “Setting GPSMODE0 to GPSMODE12” on page 9. P30/AGCOUT0 Internal pull-down resistor, leave open. P31/RXD1 Internal pull-up resistor, leave open if serial interface is not used. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |