Electronic Components Datasheet Search
  English  ▼

X  

ATR0625P Datasheet(PDF) 23 Page - ATMEL Corporation

Part # ATR0625P
Description  GPS Baseband Processor SuperSense
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0625P Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button ATR0625P Datasheet HTML 19Page - ATMEL Corporation ATR0625P Datasheet HTML 20Page - ATMEL Corporation ATR0625P Datasheet HTML 21Page - ATMEL Corporation ATR0625P Datasheet HTML 22Page - ATMEL Corporation ATR0625P Datasheet HTML 23Page - ATMEL Corporation ATR0625P Datasheet HTML 24Page - ATMEL Corporation ATR0625P Datasheet HTML 25Page - ATMEL Corporation ATR0625P Datasheet HTML 26Page - ATMEL Corporation ATR0625P Datasheet HTML 27Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
23
4925G–GPS–06/08
ATR0625P
9.
Power Consumption
10. ESD Sensitivity
The ATR0625P is an ESD sensitive device. The current ESD values are to be defined.
Observe precautions for handling.
11. LDO18
The LDO18 is a built in low dropout voltage regulator which can be used if the host system does
not provide the core voltage VDD18.
For well defined start-up of LDO18, LDO_IN needs to be connected to LDOBAT_IN.
Table 9-1.
Core Power Consumption
Mode
Conditions
Typ.
Unit
Type*
Sleep
At 1.8V, no CLK23
0.065
mA
C
Shutdown
RTC, backup SRAM and LDOBAT
0.007
C
Normal
Satellite acquisition
25
C
Normal tracking on 6 channels with 1 fix/s; each
additional active tracking channel adds 0.5 mA
14
C
All channels disabled
11
C
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design
parameter
Table 10-1.
ESD- Sensitivity
Test Model
Max.
Unit
Human Body Model (HBM)
TBD
V
Table 11-1.
Electrical Characteristics of LDO18
Parameter
Conditions
Min.
Typ.
Max.
Unit
Type*
Supply voltage LDO_IN
2.3
3.6
V
D
Output voltage
(LDO_OUT)
1.65
1.8
1.95
V
A
Output current
(LDO_OUT)
30
mA
A
Current consumption
After startup, no load, at room
temperature
80
µA
A
Current consumption
Standby mode (LDO_EN = 0), at
room temperature
15
µA
A
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design
parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com