Electronic Components Datasheet Search
  English  ▼

X  

ATR0625P Datasheet(PDF) 22 Page - ATMEL Corporation

Part # ATR0625P
Description  GPS Baseband Processor SuperSense
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0625P Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button ATR0625P Datasheet HTML 18Page - ATMEL Corporation ATR0625P Datasheet HTML 19Page - ATMEL Corporation ATR0625P Datasheet HTML 20Page - ATMEL Corporation ATR0625P Datasheet HTML 21Page - ATMEL Corporation ATR0625P Datasheet HTML 22Page - ATMEL Corporation ATR0625P Datasheet HTML 23Page - ATMEL Corporation ATR0625P Datasheet HTML 24Page - ATMEL Corporation ATR0625P Datasheet HTML 25Page - ATMEL Corporation ATR0625P Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
22
4925G–GPS–06/08
ATR0625P
1.23
High-level output voltage
VDDIO domain
IOH = –1.5 mA, VDDIO =
3.0V
V
OH,IO
VDDIO
– 0.5
VA
1.24
Low-level output voltage
VBAT18 domain
IOL = 1 mA
P9, P13,
P22, P31
VOL,BAT
0.4
V
A
1.25
High-level output voltage
VBAT18 domain
I
OH = –1 mA
P9, P13,
P22, P31
V
OH,BAT
1.2
V
A
1.26
Low-level output voltage
USB
IOL = 2.2 mA,
VDD_USB = 3.0V to 3.6V,
27
Ω external series resistor
DP, DM
V
OL,USB
0.3
V
A
1.27
High-level output voltage
USB
I
OH = –0.2 mA,
VDD_USB = 3.0V to 3.6V,
27
Ω external series resistor
DP, DM
VOH,USB
2.8
V
A
1.28
Input-leakage current
(standard inputs and I/Os)
VDD18 = 1.95V
V
IL = 0V
ILEAK
–1
+1
µA
C
1.29 Input capacitance
I
CAP
10
pF
D
1.30 Input pull-up resistor
NRESET
R
PU
0.7
1.8
k
Ω
C
1.31 Input pull-up resistor
TCK, TDI,
TMS
R
PU
718
k
Ω
C
1.32 Input pull-up resistor
P9, P13,
P22, P31
R
PU
100
235
k
Ω
C
1.33 Input pull-down resistor
DBG_EN,
NTRST,
RPD
718
k
Ω
C
1.34 Input pull-down resistor
P0, P15,
P30
R
PD
100
235
k
Ω
C
1.35
Configurable input pull-up
resistor
VDDIO = 3.6V
V
PAD = 0V
P1, P2, P8,
P12, P14,
P[16-21],
P[23-27],
P29
RCPU
50
160
k
Ω
C
1.36
Configurable input
pull-down resistor
VDDIO = 3.6V
VPAD = 3.6V
P1, P2, P8,
P12, P14,
P[16-21],
P[23-27],
P29
RCPD
40
160
k
Ω
C
1.37
Configurable input pull-up
resistor (Idle state)
USB_DP
R
CPU
0.9
1.575
k
Ω
C
1.38
Configurable input pull-up
resistor (operation state)
USB_DP
RCPU
1.425
3.09
k
Ω
C
1.39 Input pull-down resistor
USB_DP
USB_DM
RPD
10
500
k
Ω
C
8.
Electrical Characteristics (Continued)
If no additional information is given in column Test Conditions, the values apply to a temperature range from –40°C to +85°C.
No. Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
Notes:
1. VDDIO is the supply voltage for the following GPIO pins: P1, P2, P8, P12, P14, P16, P17, P18, P19, P20, P21, P23, P24,
P25, P26, P27 and P29
2. Values defined for operating the USB interface. Otherwise VDD_USB may be connected to ground
3. Supply voltage VBAT18 for backup domain is generated internally by the LDOBAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com