Electronic Components Datasheet Search
  English  ▼

X  

ATR0625P Datasheet(PDF) 25 Page - ATMEL Corporation

Part # ATR0625P
Description  GPS Baseband Processor SuperSense
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0625P Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button ATR0625P Datasheet HTML 19Page - ATMEL Corporation ATR0625P Datasheet HTML 20Page - ATMEL Corporation ATR0625P Datasheet HTML 21Page - ATMEL Corporation ATR0625P Datasheet HTML 22Page - ATMEL Corporation ATR0625P Datasheet HTML 23Page - ATMEL Corporation ATR0625P Datasheet HTML 24Page - ATMEL Corporation ATR0625P Datasheet HTML 25Page - ATMEL Corporation ATR0625P Datasheet HTML 26Page - ATMEL Corporation ATR0625P Datasheet HTML 27Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
25
4925G–GPS–06/08
ATR0625P
14. Package QFN56
Moisture sensitivity level (MSL) = 3
13. Ordering Information
Extended Type Number
Package
MPQ
Remarks
ATR0625P-PYQW
QFN56
2000
8mm
× 8 mm, 0.50 mm pitch,
RoHS-compliant, green
ATR0625-EK1
-
1
Evaluation kit/Road test kit
ATR0625-DK1
-
1
Development kit including example design
information
specifications
according to DIN
technical drawings
Package: QFN56 8 x 8
Exposed pad 6.5 x 6.5
0.9 max.
8
0.5 nom.
6.5
Pin 1 ID
14
56
1
29
42
43
56
28
15
14
1
Issue: 1; 02.09.05
Drawing-No.: 6.543-5121.01-4
Dimensions in mm
Not indicated tolerances ±0.05
0.05-0.05
+0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com