Electronic Components Datasheet Search
  English  ▼

X  

ATR0625P Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATR0625P
Description  GPS Baseband Processor SuperSense
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0625P Datasheet(HTML) 5 Page - ATMEL Corporation

  ATR0625P Datasheet HTML 1Page - ATMEL Corporation ATR0625P Datasheet HTML 2Page - ATMEL Corporation ATR0625P Datasheet HTML 3Page - ATMEL Corporation ATR0625P Datasheet HTML 4Page - ATMEL Corporation ATR0625P Datasheet HTML 5Page - ATMEL Corporation ATR0625P Datasheet HTML 6Page - ATMEL Corporation ATR0625P Datasheet HTML 7Page - ATMEL Corporation ATR0625P Datasheet HTML 8Page - ATMEL Corporation ATR0625P Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5
4925G–GPS–06/08
ATR0625P
3.
Pin Configuration
3.1
Pinout
Figure 3-1.
Pinout QFN56 (Top View)
42
29
114
43
28
56
15
ATR0625P
Table 3-1.
ATR0625P Pinout
Pin Name
QFN56
Pin Type
Pull Resistor
(Reset Value)(1)
Firmware Label
PIO Bank A
IO
CLK23
37
IN
DBG_EN
8
IN
PD
GND
(2)
IN
LDOBAT_IN
21
IN
LDO_EN
25
IN
LDO_IN
20
IN
LDO_OUT
19
OUT
NRESET
41
I/O
Open Drain PU
NSHDN
26
OUT
NSLEEP
24
OUT
NTRST
13
IN
PD
P0
40
I/O
PD
NANTSHORT
P1
47
I/O
Configurable (PD)
GPSMODE0
AGCOUT1
P2
46
I/O
Configurable (PD)
BOOT_MODE
“0”
P8
48
I/O
Configurable (PD)
STATUSLED
“0”
P9
29
I/O
PU to VBAT18
EXTINT0
EXTINT0
P12
49
I/O
Configurable (PU)
GPSMODE2
NPCS2
P13
32
I/O
PU to VBAT18
GPSMODE3
EXTINT1
Notes:
1. PD = internal pull-down resistor, PU = internal pull-up resistor, OH = switched to Output High at reset
2. Ground plane
3. VBAT18 represent the internal power supply of the backup power domain, see section “Power Supply” on page 17.
4. VDDIO is the supply voltage for the following GPIO-pins: P1, P2, P8, P12, P14, P16, P17, P18, P19, P20, P21, P23, P24,
P25, P26, P27 and P29, see section “Power Supply” on page 17.
5. VDD_USB is the supply voltage for following the USB-pins: USB_DM and USB_DP, see section “Power Supply” on page
17. For operation of the USB interface, supply of 3.0V to 3.6V is required.
6. This pin is not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com