Electronic Components Datasheet Search
  English  ▼

X  

MAX5557ESA Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX5557ESA
Description  Low-Cost Stereo Audio DACs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5557ESA Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX5557ESA Datasheet HTML 9Page - Maxim Integrated Products MAX5557ESA Datasheet HTML 10Page - Maxim Integrated Products MAX5557ESA Datasheet HTML 11Page - Maxim Integrated Products MAX5557ESA Datasheet HTML 12Page - Maxim Integrated Products MAX5557ESA Datasheet HTML 13Page - Maxim Integrated Products MAX5557ESA Datasheet HTML 14Page - Maxim Integrated Products MAX5557ESA Datasheet HTML 15Page - Maxim Integrated Products MAX5557ESA Datasheet HTML 16Page - Maxim Integrated Products MAX5557ESA Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Low-Cost Stereo Audio DACs
______________________________________________________________________________________
13
The MAX5558 accepts 16 bits of data in external serial
clock mode and internal serial clock mode. Program the
MCLK/LRCLK ratio to 384 to operate the internal serial
clock at 48 x fS. Program the MCLK/LRCLK ratio to 256
or 512 to operate the internal serial clock at 32 x fS.
MAX5559 18-Bit Right-Justified Data Format
The MAX5559 accepts data with an 18-bit right-justified
data format. The LSB is valid on the final SCLK rising
edge prior to LRCLK transitioning low to high or high to
low (Figure 7). In external serial clock mode, the
MAX5559 requires a minimum of 36 SCLK cycles per
LRCLK period (18 SCLK cycles with LRCLK low and 18
SCLK cycles with LRCLK high). Drive LRCLK high to
direct data to OUTL. Drive LRCLK low to direct data to
OUTR. Any additional SDATA bits prior to the MSB
are ignored.
The MAX5559 accepts 18 bits of data in external serial
clock mode and internal serial clock mode. Program the
MCLK/LRCLK ratio to 384 to operate the internal serial
clock at 48 x fS. Program the MCLK/LRCLK ratio to 256
or 512 to operate the internal serial clock at 64 x fS.
External Analog Filter
Use an external lowpass analog filter to further reduce
harmonic images, noise, and spurs. The external ana-
log filter can be either active or passive depending
upon performance and design requirements. For exam-
ple filters, see Figures 11 and 12 and the
Applications
Information section. Careful attention should be paid
when selecting capacitors for audio signal path appli-
cations. NPO and C0G types are recommended as are
aluminum electrolytics and some tantalum varieties.
Use of generic ceramic types is not recommended and
may result in degraded THD performance. Always con-
sult manufacturers’ data sheets and applications infor-
mation.
MAX5556–MAX5559
OUTR
OUTL
100kΩ
100kΩ
R = 560Ω
R = 560Ω
C = 1.5nF
C = 1.5nF
Figure 11. Passive Component Analog Output Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com