Electronic Components Datasheet Search
  English  ▼

X  

MAX5557ESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5557ESA
Description  Low-Cost Stereo Audio DACs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5557ESA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5557ESA Datasheet HTML 2Page - Maxim Integrated Products MAX5557ESA Datasheet HTML 3Page - Maxim Integrated Products MAX5557ESA Datasheet HTML 4Page - Maxim Integrated Products MAX5557ESA Datasheet HTML 5Page - Maxim Integrated Products MAX5557ESA Datasheet HTML 6Page - Maxim Integrated Products MAX5557ESA Datasheet HTML 7Page - Maxim Integrated Products MAX5557ESA Datasheet HTML 8Page - Maxim Integrated Products MAX5557ESA Datasheet HTML 9Page - Maxim Integrated Products MAX5557ESA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Low-Cost Stereo Audio DACs
6
________________________________________________________________________________________
(VDD = +5V, GND = 0V, ROUT_ = 10kΩ, COUT_ = 10pF, TA = +25°C, unless otherwise noted.)
Typical Operating Characteristics (continued)
-110
-100
-90
-80
-70
-60
08
10
46
2
1214161820
UNWEIGHTED THD+N
vs. FREQUENCY
FREQUENCY (kHz)
INPUT = 1kHz 18-BIT SIGNAL,
INTEGRATION BANDWIDTH = 20Hz TO 20kHz
0
20
10
40
30
60
50
70
020
10
30
40
50
POWER DISSIPATION
vs. SAMPLE FREQUENCY
SAMPLE FREQUENCY (kHz)
VDD = +5V
INPUT = 1kHz, 0dBFS SIGNAL
5
8
7
6
9
10
11
12
13
14
15
4.75
5.05
4.90
5.20
5.35
5.50
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
INPUT = 1kHz, 0dBFS SIGNAL
NORMAL OPERATION
STATIC DIGITAL INPUT
MUTE OPERATION
5
7
6
10
9
8
11
12
14
13
15
0
1.0 1.5
0.5
2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
SUPPLY CURRENT
vs. DIGITAL INPUT VOLTAGE (VDIG)
DIGITAL INPUT VOLTAGE (VDIG) (V)
VIH
VDIG < VIH
MUTE
ENGAGED
VDD = +5.5V
DC OUTPUT
VDIG < VIH
NORMAL OPERATION
5ms/div
CLOCK-LOSS MUTE RECOVERY
VOUT
1V/div
2.4V
MAX5556 toc14
CLOCK
RESTORED
LOSS
OF CLOCK
100ms/div
POWER-UP RESPONSE
VOUT
1V/div
0V
MAX5556 toc15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com