Electronic Components Datasheet Search
  English  ▼

X  

MAX5557ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5557ESA
Description  Low-Cost Stereo Audio DACs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5557ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5557ESA Datasheet HTML 1Page - Maxim Integrated Products MAX5557ESA Datasheet HTML 2Page - Maxim Integrated Products MAX5557ESA Datasheet HTML 3Page - Maxim Integrated Products MAX5557ESA Datasheet HTML 4Page - Maxim Integrated Products MAX5557ESA Datasheet HTML 5Page - Maxim Integrated Products MAX5557ESA Datasheet HTML 6Page - Maxim Integrated Products MAX5557ESA Datasheet HTML 7Page - Maxim Integrated Products MAX5557ESA Datasheet HTML 8Page - Maxim Integrated Products MAX5557ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Low-Cost Stereo Audio DACs
2
________________________________________________________________________________________
VDD to GND ...........................................................-0.3V to +6.0V
OUTL, OUTR, SDATA to GND................... -0.3V to (VDD + 0.3V)
Current Into Any Pin (excluding VDD and GND)...............±10mA
OUTL, OUTR Shorted to GND....................................Continuous
SCLK, LRCLK, MCLK to GND ...............................-0.3V to +6.0V
Continuous Power Dissipation (TA = +70°C)
8-Pin SO (derate 5.88mW above +70°C)....................471mW
Package Thermal Resistance (θJA) ...............................170°C/W
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +4.75V to +5.5V, GND = 0V, ROUT_ = 10kΩ, COUT_ = 10pF, 0dBFS sine-wave signal at 997Hz, fLRCLK (fS) = 48kHz, fMCLK =
12.288MHz, measurement bandwidth 10Hz to 20kHz, unless otherwise specified. TA = -40°C to +85°C, unless otherwise noted.
Outputs are unloaded, unless otherwise noted. Typical values at VDD = +5V, TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
Supply Voltage
VDD
4.75
5.0
5.50
V
Up to 48ksps
13
15
Supply Current
IDD
Static digital
6
8.5
mA
Up to 48ksps
65
82.5
Power Dissipation
Static digital
30
44
mW
DYNAMIC PERFORMANCE (Note 2)
Unweighted
84
86
Dynamic Range, 16-Bit
A-weighted
86
90
dB
Unweighted
87
Dynamic Range, 18-Bit to 24-Bit
A-weighted
91
dB
0dBFS
-86
-81
-20dBFS
-67
Total Harmonic Distortion Plus
Noise, 16-Bit
THD+N
-60dBFS
-26
-24
dB
0dBFS
-87
-20dBFS
-68
Total Harmonic Distortion Plus
Noise, 18-Bit to 24-Bit
THD+N
-60dBFS
-27
dB
Interchannel Isolation
1kHz full-scale output (crosstalk)
94
dB
COMBINED DIGITAL AND INTEGRATED ANALOG FILTER FREQUENCY RESPONSE (Note 3)
-0.5dB corner
0.46
-3dB corner
0.49
Passband
-6dB corner
0.50
fS
10Hz to 20kHz (fS = 48kHz)
-0.025
+0.08
10Hz to 20kHz (fS = 44.1kHz)
-0.025
+0.08
Frequency Response/Passband
Ripple
10Hz to 16kHz (fS = 32kHz)
-6.000
+0.073
dB
Stopband
0.5465
fS
Stopband Attenuation
52
dB
Group Delay
tgd
20 / fS
s
Passband Group-Delay Variation
∆tgd
20Hz to 20kHz
±0.4 / fS
s
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com