Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 364 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 364 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 360Page - Renesas Technology Corp R28 Datasheet HTML 361Page - Renesas Technology Corp R28 Datasheet HTML 362Page - Renesas Technology Corp R28 Datasheet HTML 363Page - Renesas Technology Corp R28 Datasheet HTML 364Page - Renesas Technology Corp R28 Datasheet HTML 365Page - Renesas Technology Corp R28 Datasheet HTML 366Page - Renesas Technology Corp R28 Datasheet HTML 367Page - Renesas Technology Corp R28 Datasheet HTML 368Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 364 / 473 page
background image
R8C/28 Group, R8C/29 Group
19. Flash Memory
Rev.2.10
Sep 26, 2008
Page 345 of 441
REJ09B0279-0210
19.4
CPU Rewrite Mode
In CPU rewrite mode, the user ROM area can be rewritten by executing software commands from the CPU.
Therefore, the user ROM area can be rewritten directly while the MCU is mounted on a board without using a
ROM programmer. Execute the program and block erase commands only to blocks in the user ROM area.
The flash module has an erase-suspend function when an interrupt request is generated during an erase operation in
CPU rewrite mode. It performs an interrupt process after the erase operation is halted temporarily. During erase-
suspend, the user ROM area can be read by a program.
In case an interrupt request is generated during an auto-program operation in CPU rewrite mode, the flash module
has a program-suspend function which performs the interrupt process after the auto-program operation is
suspended. During program-suspend, the user ROM area can be read by a program.
CPU rewrite mode has an erase write 0 mode (EW0 mode) and an erase write 1 mode (EW1 mode).
Table 19.3 lists the Differences between EW0 Mode and EW1 Mode.
NOTE:
1. When the FMR02 bit in the FMR0 register is set to 1 (rewrite enabled), rewriting block 0 is enabled by setting
the FMR15 bit in the FMR1 register to 0 (rewrite enabled), and rewriting block 1 is enabled by setting the
FMR16 bit to 0 (rewrite enabled).
Table 19.3
Differences between EW0 Mode and EW1 Mode
Item
EW0 Mode
EW1 Mode
Operating mode
Single-chip mode
Single-chip mode
Areas in which a rewrite
control program can be
located
User ROM area
User ROM area
Areas in which a rewrite
control program can be
executed
Necessary to transfer to any area other
than the flash memory (e.g., RAM) before
executing
Executing directly in user ROM or RAM
area possible
Areas which can be
rewritten
User ROM area
User ROM area
However, blocks which contain a rewrite
control program are excluded(1)
Software command
restrictions
None
• Program and block erase commands
Cannot be run on any block which
contains a rewrite control program
• Read status register command
Cannot be executed
Modes after program or
erase
Read status register mode
Read array mode
Modes after read status
register
Read status register mode
Do not execute this command
CPU status during auto-
write and auto-erase
Operating
Hold state (I/O ports hold state before the
command is executed)
Flash memory status
detection
• Read bits FMR00, FMR06, and FMR07
in the FMR0 register by a program
• Execute the read status register
command and read bits SR7, SR5, and
SR4 in the status register.
Read bits FMR00, FMR06, and FMR07 in
the FMR0 register by a program
Conditions for transition to
erase-suspend
Set bits FMR40 and FMR41 in the FMR4
register to 1 by a program.
The FMR40 bit in the FMR4 register is set
to 1 and the interrupt request of the
enabled maskable interrupt is generated
Conditions for transitions to
program-suspend
Set bits FMR40 and FMR42 in the FMR4
register to 1 by a program.
The FMR40 bit in the FMR4 register is set
to 1 and the interrupt request of the
enabled maskable interrupt is generated
CPU clock
5 MHz or below
No restriction (on clock frequency to be
used)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com