Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 361 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 361 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 357Page - Renesas Technology Corp R28 Datasheet HTML 358Page - Renesas Technology Corp R28 Datasheet HTML 359Page - Renesas Technology Corp R28 Datasheet HTML 360Page - Renesas Technology Corp R28 Datasheet HTML 361Page - Renesas Technology Corp R28 Datasheet HTML 362Page - Renesas Technology Corp R28 Datasheet HTML 363Page - Renesas Technology Corp R28 Datasheet HTML 364Page - Renesas Technology Corp R28 Datasheet HTML 365Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 361 / 473 page
background image
R8C/28 Group, R8C/29 Group
19. Flash Memory
Rev.2.10
Sep 26, 2008
Page 342 of 441
REJ09B0279-0210
Figure 19.2
Flash Memory Block Diagram for R8C/29 Group
Boot ROM area
(reserved area)(2)
8 Kbytes
0E000h
0FFFFh
User ROM area
Block 0: 8 Kbytes(1)
0E000h
0FFFFh
User ROM area
Block 0: 16 Kbytes(1)
0C000h
0FFFFh
Block B: 1 Kbyte
Block A: 1 Kbyte
02400h
02BFFh
16 Kbytes ROM product
Program ROM
Data flash
Block B: 1 Kbyte
Block A: 1 Kbyte
02400h
02BFFh
8 Kbytes ROM product
Boot ROM area
(reserved area)(2)
8 Kbytes
0E000h
0FFFFh
08000h
Block 1: 16 Kbytes(1)
User ROM area
Block 0: 16 Kbytes(1)
0BFFFh
0C000h
0FFFFh
Block B: 1 Kbyte
Block A: 1 Kbyte
02400h
02BFFh
32 Kbytes ROM product
Program ROM
NOTES:
1. When the FMR02 bit in the FMR0 register is set to 1 (rewrite enabled) and the FMR15 bit in the FMR1 register is set to 0
(rewrite enabled), block 0 is rewritable. When the FMR16 bit is set to 0 (rewrite enabled), block 1 is rewritable (only for CPU
rewrite mode).
2. This area is for storing the boot program provided by Renesas Technology.
Data flash



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com