Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 357 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 357 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 353Page - Renesas Technology Corp R28 Datasheet HTML 354Page - Renesas Technology Corp R28 Datasheet HTML 355Page - Renesas Technology Corp R28 Datasheet HTML 356Page - Renesas Technology Corp R28 Datasheet HTML 357Page - Renesas Technology Corp R28 Datasheet HTML 358Page - Renesas Technology Corp R28 Datasheet HTML 359Page - Renesas Technology Corp R28 Datasheet HTML 360Page - Renesas Technology Corp R28 Datasheet HTML 361Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 357 / 473 page
background image
R8C/28 Group, R8C/29 Group
18. A/D Converter
Rev.2.10
Sep 26, 2008
Page 338 of 441
REJ09B0279-0210
18.6
Output Impedance of Sensor under A/D Conversion
To carry out A/D conversion properly, charging the internal capacitor C shown in Figure 18.11 has to be completed
within a specified period of time. T (sampling time) as the specified time. Let output impedance of sensor
equivalent circuit be R0, internal resistance of microcomputer be R, precision (error) of the A/D converter be X,
and the resolution of A/D converter be Y (Y is 1024 in the 10-bit mode, and 256 in the 8-bit mode).
VC is generally
And when t = T,
Hence,
Figure 18.11 shows the Analog Input Pin and External Sensor Equivalent Circuit. When the difference between
VIN and VC becomes 0.1LSB, we find impedance R0 when voltage between pins VC changes from 0 to VIN-
(0.1/1024) VIN in time T. (0.1/1024) means that A/D precision drop due to insufficient capacitor charge is held to
0.1LSB at time of A/D conversion in the 10-bit mode. Actual error however is the value of absolute precision
added to 0.1LSB.
When f(XIN) = 10 MHz, T = 0.25
µs in the A/D conversion mode without sample and hold. Output impedance R0
for sufficiently charging capacitor C within time T is determined as follows.
T = 0.25
µs, R = 2.8 kΩ, C = 6.0 pF, X = 0.1, and Y = 1024. Hence,
Thus, the allowable output impedance of the sensor equivalent circuit, making the precision (error) 0.1LSB or less,
is approximately 1.7 k
Ω. maximum.
Figure 18.11
Analog Input Pin and External Sensor Equivalent Circuit
R0
R (2.8 k
Ω)
C (6.0 pF)
VIN
VC
MCU
Sensor equivalent
circuit
NOTE:
1. The capacity of the terminal is assumed to be 4.5 pF.
R0
0.25
10
6
–
×
6.0
10
12
–
0.1
1024
------------
ln
•
×
---------------------------------------------------
–2.8
3
×10
1.7
3
×10
≈
–
=
R0
T
C
X
Y
----
ln
•
-------------------
–R
–
=
1
CR0
R
+
()
--------------------------
–T
X
Y
----
ln
=
e
1
CR0
R
+
()
--------------------------T
–
X
Y
----
=
VC
VIN
X
Y
---- VIN
VIN 1
X
Y
----
–


=
–
=
VC
VIN 1
e
1
CR0
R
+
()
--------------------------
–
t
–



=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com