Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 355 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 355 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 351Page - Renesas Technology Corp R28 Datasheet HTML 352Page - Renesas Technology Corp R28 Datasheet HTML 353Page - Renesas Technology Corp R28 Datasheet HTML 354Page - Renesas Technology Corp R28 Datasheet HTML 355Page - Renesas Technology Corp R28 Datasheet HTML 356Page - Renesas Technology Corp R28 Datasheet HTML 357Page - Renesas Technology Corp R28 Datasheet HTML 358Page - Renesas Technology Corp R28 Datasheet HTML 359Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 473 page
background image
R8C/28 Group, R8C/29 Group
18. A/D Converter
Rev.2.10
Sep 26, 2008
Page 336 of 441
REJ09B0279-0210
18.3
Sample and Hold
When the SMP bit in the ADCON2 register is set to 1 (sample and hold function enabled), the A/D conversion rate
per pin increases. The sample and hold function is available in all operating modes. Start A/D conversion after
selecting whether the sample and hold circuit is to be used or not.
Figure 18.8 shows a Timing Diagram of A/D Conversion.
Figure 18.8
Timing Diagram of A/D Conversion
18.4
A/D Conversion Cycles
Figure 18.9 shows the A/D Conversion Cycles.
Figure 18.9
A/D Conversion Cycles
Sampling time
4ø AD cycles
Sample and hold
disabled
Conversion time of 1st bit
2nd bit
Comparison
time
Sampling time
2.5ø AD cycles
Comparison
time
Sampling time
2.5ø AD cycles
Comparison
time
* Repeat until conversion ends
Sampling time
4ø AD cycles
Sample and hold
enabled
Conversion time of 1st bit
2nd bit
Comparison
time
Comparison
time
Comparison
time
* Repeat until conversion ends
Comparison
time
A/D Conversion Mode
Without Sample & Hold
Without Sample & Hold
With Sample & Hold
With Sample & Hold
8 bits
10 bits
8 bits
10 bits
Conversion
Time
Comparison
Time
Comparison
Time
End process
Sampling
Time
End process
Conversion time at the 1st bit
Sampling
Time
Conversion time at the 2nd
bit and the follows
49
φAD
4
φAD
2.0
φAD
2.5
φAD
2.5
φAD
8.0
φAD
59
φAD
4
φAD
2.0
φAD
2.5
φAD
2.5
φAD
8.0
φAD
28
φAD
4
φAD
2.5
φAD
0.0
φAD
2.5
φAD
4.0
φAD
33
φAD
4
φAD
2.5
φAD
0.0
φAD
2.5
φAD
4.0
φAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com