| Electronic Components Datasheet Search |
|
R28 Datasheet(PDF) 356 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R28 Datasheet(HTML) 356 Page - Renesas Technology Corp |
|
356 / 473 page ![]() R8C/28 Group, R8C/29 Group 18. A/D Converter Rev.2.10 Sep 26, 2008 Page 337 of 441 REJ09B0279-0210 18.5 Internal Equivalent Circuit of Analog Input Figure 18.10 shows the Internal Equivalent Circuit of Analog Input. Figure 18.10 Internal Equivalent Circuit of Analog Input VCC Parasitic Diode Chopper-type Amplifier A/D Successive Conversion Register Comparison voltage b1 b2 b0 VCC VSS AN0 VSS i = 4 AN11 VREF AVSS Vref Comparison reference voltage (Vref) generator SW1 SW2 AVCC AMP SW3 AVSS VIN SW4 SW5 SW1 Parasitic Diode ON Resistor Approx. 2k Ω Wiring Resistor Approx. 0.2k Ω ON Resistor Approx. 0.6k Ω ON Resistor Approx. 2k Ω Wiring Resistor Approx. 0.2k Ω i Ladder-type Switches A/D Control Register 0 ON Resistor Approx. 0.6k f Analog Input Voltage Sampling Control Signal ON Resistor Approx. 5k Ω C = Approx.1.5pF A/D Conversion Interrupt Request SW1 conducts only on the ports selected for analog input. SW2 and SW3 are open when A/D conversion is not in progress; their status varies as shown by the waveforms in the diagrams on the left. SW4 conducts only when A/D conversion is not in progress. SW5 conducts when compare operation is in progress. Control signal for SW2 Control signal for SW3 Sampling Comparison Connect to Connect to Connect to Connect to NOTE: 1. Use only as a standard for designing this data. Mass production may cause some changes in device characteristics. i Ladder-type Wiring Resistors Resistor ladder Reference Control Signal b4 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |