Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 377 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 377 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 373Page - Renesas Technology Corp R28 Datasheet HTML 374Page - Renesas Technology Corp R28 Datasheet HTML 375Page - Renesas Technology Corp R28 Datasheet HTML 376Page - Renesas Technology Corp R28 Datasheet HTML 377Page - Renesas Technology Corp R28 Datasheet HTML 378Page - Renesas Technology Corp R28 Datasheet HTML 379Page - Renesas Technology Corp R28 Datasheet HTML 380Page - Renesas Technology Corp R28 Datasheet HTML 381Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 377 / 473 page
background image
R8C/28 Group, R8C/29 Group
19. Flash Memory
Rev.2.10
Sep 26, 2008
Page 358 of 441
REJ09B0279-0210
19.4.3.5
Block Erase
When 20h is written in the first bus cycle and D0h is written to a given address of a block in the second bus
cycle, an auto-erase operation (erase and verify) of the specified block starts.
The FMR00 bit in the FMR0 register can be used to determine whether auto-erasure has completed.
The FMR00 bit is set to 0 during auto-erasure and set to 1 when auto-erasure completes.
The FMR07 bit in the FMR0 register can be used to determine the result of auto-erasure after auto-erasure has
completed (refer to 19.4.5 Full Status Check).
When the FMR02 bit in the FMR0 register is set to 0 (rewriting disabled) or the FMR02 bit is set to 1 (rewriting
enabled) and the FMR15 bit in the FMR1 register is set to 1 (rewriting disabled), the block erase commands
targeting block 0 are not acknowledged. When the FMR16 bit is set to 1 (rewriting disabled), the block erase
commands targeting block 1 are not acknowledged.
Do not use the block erase command during program-suspend.
Figure 19.14 shows the Block Erase Command (When Erase-Suspend Function Disabled). Figure 19.15 shows
the Block Erase Command (When Erase-Suspend Function Enabled).
In EW1 mode, do not execute this command for any address to which a rewrite control program is allocated.
In EW0 mode, the MCU enters read status register mode at the same time auto-erasure starts and the status
register can be read. The status register bit 7 (SR7) is set to 0 at the same time auto-erasure starts and set back to
1 when auto-erasure completes. In this case, the MCU remains in read status register mode until the next read
array command is written.
Figure 19.14
Block Erase Command (When Erase-Suspend Function Disabled)
Start
Write the command code 20h
Write D0h to a given block
address
FMR00 = 1?
Full status check
Block erase completed
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com