Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 381 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 381 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 377Page - Renesas Technology Corp R28 Datasheet HTML 378Page - Renesas Technology Corp R28 Datasheet HTML 379Page - Renesas Technology Corp R28 Datasheet HTML 380Page - Renesas Technology Corp R28 Datasheet HTML 381Page - Renesas Technology Corp R28 Datasheet HTML 382Page - Renesas Technology Corp R28 Datasheet HTML 383Page - Renesas Technology Corp R28 Datasheet HTML 384Page - Renesas Technology Corp R28 Datasheet HTML 385Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 381 / 473 page
background image
R8C/28 Group, R8C/29 Group
19. Flash Memory
Rev.2.10
Sep 26, 2008
Page 362 of 441
REJ09B0279-0210
Figure 19.16
Full Status Check and Handling Procedure for Individual Errors
NOTE:
1. To rewrite to the address where the program error occurs, check if the full
status check is complete normally and write to the address after the block
erase command is executed.
Full status check
FMR06 = 1
and
FMR07 = 1?
FMR07 = 1?
FMR06 = 1?
Full status check completed
No
Yes
Yes
No
Yes
No
Command sequence error
Erase error
Program error
Command sequence error
Execute the clear status register command
(set these status flags to 0)
Check if command is properly input
Re-execute the command
Erase error
Execute the clear status register command
(set these status flags to 0)
Erase command
re-execution times
≤ 3 times?
Re-execute block erase command
Program error
Execute the clear status register
command
(set these status flags to 0)
Specify the other address besides the
write address where the error occurs for
the program address(1)
Re-execute program command
Block targeting for erasure
cannot be used
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com