Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 382 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 382 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 378Page - Renesas Technology Corp R28 Datasheet HTML 379Page - Renesas Technology Corp R28 Datasheet HTML 380Page - Renesas Technology Corp R28 Datasheet HTML 381Page - Renesas Technology Corp R28 Datasheet HTML 382Page - Renesas Technology Corp R28 Datasheet HTML 383Page - Renesas Technology Corp R28 Datasheet HTML 384Page - Renesas Technology Corp R28 Datasheet HTML 385Page - Renesas Technology Corp R28 Datasheet HTML 386Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 382 / 473 page
background image
R8C/28 Group, R8C/29 Group
19. Flash Memory
Rev.2.10
Sep 26, 2008
Page 363 of 441
REJ09B0279-0210
19.5
Standard Serial I/O Mode
In standard serial I/O mode, the user ROM area can be rewritten while the MCU is mounted on-board by using a
serial programmer which is suitable for the MCU.
There are three types of Standard serial I/O modes:
• Standard serial I/O mode 1 ............Clock synchronous serial I/O used to connect with a serial programmer
• Standard serial I/O mode 2 ............Clock asynchronous serial I/O used to connect with a serial programmer
• Standard serial I/O mode 3 ............Special clock asynchronous serial I/O used to connect with a serial
programmer
This MCU uses Standard serial I/O mode 2 and Standard serial I/O mode 3.
Refer to Appendix 2. Connection Examples between Serial Writer and On-Chip Debugging Emulator.
Contact the manufacturer of your serial programmer for details. Refer to the user’s manual of your serial
programmer for instructions on how to use it.
Table 19.7 lists the Pin Functions (Flash Memory Standard Serial I/O Mode 2), Table 19.8 lists the Pin Functions
(Flash Memory Standard Serial I/O Mode 3), and Figure 19.17 shows the Pin Connections for Standard Serial I/O
Mode 3.
After processing the pins shown in Table 19.8 and rewriting the flash memory using the programmer, apply “H” to
the MODE pin and reset the hardware to run a program in the flash memory in single-chip mode.
19.5.1
ID Code Check Function
The ID code check function determines whether the ID codes sent from the serial programmer and those written
in the flash memory match (refer to 19.3 Functions to Prevent Rewriting of Flash Memory).
Table 19.7
Pin Functions (Flash Memory Standard Serial I/O Mode 2)
Pin
Name
I/O
Description
VCC,VSS
Power input
Apply the voltage guaranteed for programming and
erasure to the VCC pin and 0 V to the VSS pin.
RESET
Reset input
I
Reset input pin.
P4_6/XIN/XCIN
P4_6 input/clock input
I
Connect a ceramic resonator or crystal oscillator
between the XIN/XCIN and XOUT/XCOUT pins.
P4_7/XOUT/XCOUT P4_7 input/clock output
I/O
P1_0 to P1_7
Input port P1
I
Input “H” or “L” level signal or leave the pin open.
P3_3 to P3_5
Input port P3
I
P4_2/VREF
Input port P4
I
MODE
MODE
I/O Input “L”.
P3_7
TXD output
O
Serial data output pin.
P4_5
RXD input
I
Serial data input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com