| Electronic Components Datasheet Search |
|
R28 Datasheet(PDF) 252 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R28 Datasheet(HTML) 252 Page - Renesas Technology Corp |
|
252 / 473 page ![]() R8C/28 Group, R8C/29 Group 15. Serial Interface Rev.2.10 Sep 26, 2008 Page 233 of 441 REJ09B0279-0210 Figure 15.3 Registers U0TB to U1TB and U0RB to U1RB UARTi Transmit Buffer Register (i = 0 or 1) (1, 2) Symbol Address After Reset U0TB 00A3h-00A2h Undefined U1TB 00ABh-00AAh Undefined RW NOTES: 1. 2. Transmit data Nothing is assigned. If necessary, set to 0. When read, the content is undefined. — (b8-b0) — (b15-b9) When the transfer data length is 9 bits, w rite data to high byte first, then low byte. Use the MOV instruction to w rite to this register. Function WO — b0 b7 (b8) b0 (b15) b7 UARTi Receive Buffer Register (i = 0 or 1) (1) Symbol Address After Reset U0RB 00A7h-00A6h Undefined U1RB 00AFh-00AEh Undefined RW NOTES: 1. 2. Nothing is assigned. If necessary, set to 0. When read, the content is undefined. — (b11-b9) Read out the UiRB register in 16-bit units. Bits SUM, PER, FER, and OER are set to 0 (no error) w hen bits SMD2 to SMD0 in the UiMR register are set to 000b (serial interface disabled) or the RE bit in the UiC1 register is set to 0 (receive disabled). The SUM bit is set to 0 (no error) w hen bits PER, FER, and OER are set to 0 (no error). Bits PER and FER are set to 0 even w hen the higher byte of the UiRB register is read out. Also, bits PER and FER are set to 0 w hen reading the high-order byte of the UiRB register. RO SUM Error sum flag(2) 0 : No error 1 : Error PER Parity error flag(2) 0 : No parity error 1 : Parity error RO FER Framing error flag(2) 0 : No framing error 1 : Framing error RO OER Overrun error flag(2) 0 : No overrun error 1 : Overrun error RO Bit Symbol Bit Name (b8) b0 (b15) b7 b0 b7 — — (b7-b0) — Function Receive data (D7 to D0) RO Receive data (D8) RO — (b8) — |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |