Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 256 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 256 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 252Page - Renesas Technology Corp R28 Datasheet HTML 253Page - Renesas Technology Corp R28 Datasheet HTML 254Page - Renesas Technology Corp R28 Datasheet HTML 255Page - Renesas Technology Corp R28 Datasheet HTML 256Page - Renesas Technology Corp R28 Datasheet HTML 257Page - Renesas Technology Corp R28 Datasheet HTML 258Page - Renesas Technology Corp R28 Datasheet HTML 259Page - Renesas Technology Corp R28 Datasheet HTML 260Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 473 page
background image
R8C/28 Group, R8C/29 Group
15. Serial Interface
Rev.2.10
Sep 26, 2008
Page 237 of 441
REJ09B0279-0210
Figure 15.7
Registers PINSR1 and PMR
Pin Select Register 1
Symbol
Address
After Reset
PINSR1
00F5h
00h
Bit Symbol
Bit Name
Function
RW
NOTE:
1. The UART1 pins can be selected by using bits TXD1SEL and TXD1EN in the PMR register.
RW
RW
RW
—
(b2)
—
(b7-b3)
Set to 1. When read, the content is 0.
Set to 0. When read, the content is 0.
Reserved bits
Reserved bit
RW
UART1SEL1
UART1SEL0
0000
b7 b6 b5 b4 b3 b2
1
b1
0
b0
b1 b0
0 0 : P3_7(TXD1/RXD1)
0 1 : P3_7(TXD1), P4_5(RXD1)
1 0 : Do not set.
1 1 : Do not set.
TXD1/RXD1 pin select bit(1)
Port Mode Register
Symbol
Address
After Reset
PMR
00F8h
00h
Bit Symbol
Bit Name
Function
RW
NOTE:
1. The UART1 pins can be selected by using bits TXD1SEL and TXD1EN, and bits UART1SEL1 and UART1SEL0 in the
PINSR1 register.
IICSEL
SSU / I2C bus pin sw itch bit
0 : Selects SSU function
1 : Selects I2C bus function
RW
TXD1EN
TXD1/RXD1 select bit(1)
0 : RXD1
1 : TXD1
RW
TXD1SEL
Port/TXD1 pin sw itch bit(1)
0 : Programmable I/O port
1 : TXD1
RW
U1PINSEL
TXD1 pin sw itch bit(1)
Set to 1 to use UART1.
RW
SSISEL
SSI pin select bit
0 : P3_3
1 : P1_6
RW
—
(b0)
Set to 0.
RW
—
(b2-b1)
—
Reserved bit
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
b0
0
b3 b2 b1
b7 b6 b5 b4
PINSR1 Register
UART1SEL1,
UART1SEL0 bit
TXD1SEL bit
TXD1EN bit
P3_7(TXD1)
1
P3_7(RXD1)
0
P3_7(TXD1)
1
P4_5(RXD1)
×
×: 0 or 1
Pin Function
×
00b
×
01b
PMR Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com